Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1682CDM-TR Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1682CDM-TR
Description  Voltage-Mode PWM Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1682CDM-TR Datasheet(HTML) 9 Page - Microsemi Corporation

  LX1682CDM-TR Datasheet HTML 1Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 2Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 3Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 4Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 5Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 6Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 7Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 8Page - Microsemi Corporation LX1682CDM-TR Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 1.1b,2005-03-09
LX1681/1682
Voltage-Mode PWM Controllers
PRODUCTION DATA SHEET
TM
®
BLOCK DI AGRAM
CS Com p
+
-
Am plifier/
Com pensation
+
-
Error Com p
+
-
I
RES ET
R
S
Q
Q
5
V
TRIP
V
CC
7
320k
20k
1
R
SS
V
REF
Hiccup
Ramp
O scillator
4
3
UVLO
8
2
6
L
R
1
ESR
C
OU T
R
2
C
IN
+12V
V
IN
(5V)
+5V
V
CO RE
R
SET
C
SS
V
CC
GND
BDRV
TDRV
V
C1
CS
V
FB
SS/ENABLE
Hiccup
UVLO
I
SE T
PW M
V
RE SE T
I
SET
PHY S IC AL D I M E N S ION S
DM
8-Pin Plastic SOIC
A
P
G
B
K
L
F
C
D
J
M
*Lead Coplanarity
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side. Lead
dimension shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
4.83
5.00
0.190
0.197
B
3.81
3.94
0.150
0.155
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
F
-
0.77
-
0.030
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.007
0.010
K
0.13
0.25
0.005
0.010
L
4.80
5.21
0.189
0.205
M
-
-
P
5.79
6.20
0.228
0.244
*LC
-
0.10
-
0.004


Similar Part No. - LX1682CDM-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1682CDM MICROSEMI-LX1682CDM Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
More results

Similar Description - LX1682CDM-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com