Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1672-03CLQ Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1672-03CLQ
Description  Multiple Output LoadSHARE PWM TM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1672-03CLQ Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1672-03CLQ Datasheet HTML 1Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 2Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 3Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 4Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 5Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 6Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 7Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 8Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 1.0, 2005-08-10
LX1672
Multiple Output LoadSHARE™ PWM
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
T
A 70°C except where
otherwise noted and the following test conditions: VCC = 5V, VCCL = 5V, VCX = 12V, HOX = LOX = 3000pF Load.
LX1672
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SWITCHING REGULATORS
Input Voltage
VCC
4.5
5.5
V
Input Voltage
VCCL, VCX
12
V
Operation Current
ICC
Static and Dynamic
10
mA
TA = 25°C
0.792
0.8
0.808
Reference Voltage
VSS
0°C < TA < 70°C
0.784
0.816
V
Line Regulation (Note 2)
-1
1
%
Load Regulation (Note 2)
-1
1
%
Minimum Pulse Width
TSSOP Package
250
nS
Minimum Pulse Width
MLPQ Package
150
nS
Maximum Duty Cycle
LX1672-03 Load = 3000pF
85
%
Maximum Duty Cycle
LX1672-05 Load = 3000pF
75
%
Maximum Duty Cycle
LX1672-06 Load = 3000pF
70
%
ERROR AMPLIFIERS
Input Offset Voltage
Vos
Common Mode Input Voltage = 1V
-6.0
6.0
mV
DC Open Loop Gain
70
dB
Unity Gain Bandwidth
UGBW
16
MHz
High Output Voltage
VOH
I Source = 2mA
3.5
3.8
V
Low Output Voltage
VOL
I Sink = 10µA
200
400
mV
Input Common Mode Range
Input Offset Voltage < 20mV
.1
3.5
V
Input Bias Current
IIN
0 and 3.5 V Common Mode Input Voltage
100
nA
CURRENT SENSE
Current Sense Bias Current
ISET
VCSX = VVSX – 0.3V , VVSX = 5V
45
50
55
μA
Trip Threshold
VTRIP
Referenced to VSX , VVSX = 5V
260
300
340
mV
Current Sense Delay
TCSD
350
nS
Current Sense Comparator
Operating Current
ICSX
Current into VSX pins
2
5
mA
OUTPUT DRIVERS – N-CHANNEL MOSFETS
Low Side Driver Operating Current
IVCCL
Static
2.5
mA
High Side Driver Operating Current
IVCX
Static
3
mA
Drive Rise Time, Fall Time
TRF
CL = 3000pF
50
nS
High Level Output Voltage
VDH
ISOURCE = 20mA, VCCL = 12V
10
11
V
Low Level Output Voltage
VDL
ISINK = 20mA, VCCL = 12V
0.15
0.25
V
OSCILLATOR
PWM Switching Frequency
LX1672-03
255
300
345
KHz
PWM Switching Frequency
LX1672-05
425
500
575
KHz
PWM Switching Frequency
FSW
LX1672-06
510
600
690
KHz
Ramp Amplitude
VRAMP
1.25
VPP


Similar Part No. - LX1672-03CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1672-03CPW MICROSEMI-LX1672-03CPW Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1672-03CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1675 MICROSEMI-LX1675 Datasheet
324Kb / 19P
   Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
SMSC Corporation
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
NXP Semiconductors
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com