Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0202YZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0202YZPR
Description  A Inter Chip-USB Voltage Level Translator Small Packages: WCSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0202YZPR Datasheet(HTML) 5 Page - Texas Instruments

  TXS0202YZPR Datasheet HTML 1Page - Texas Instruments TXS0202YZPR Datasheet HTML 2Page - Texas Instruments TXS0202YZPR Datasheet HTML 3Page - Texas Instruments TXS0202YZPR Datasheet HTML 4Page - Texas Instruments TXS0202YZPR Datasheet HTML 5Page - Texas Instruments TXS0202YZPR Datasheet HTML 6Page - Texas Instruments TXS0202YZPR Datasheet HTML 7Page - Texas Instruments TXS0202YZPR Datasheet HTML 8Page - Texas Instruments TXS0202YZPR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TXS0202
www.ti.com
SCES711A
– JUNE 2011 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCBx
UNIT
TYP
MIN
MAX
1.65 V
1.65 V
VCCO × 0.67
IOH = –20 μA,
VOH(D–) (D– A or B port)
2.3 V
2.3 V
VCCO × 0.67
V
VIx ≥ VCCx – 0.2 V
3.3 V
3.3 V
VCCO × 0.67
IOL = 220 μA, VIx ≤ 0.15 V
1.65 V
1.65 V
0.45
VOL(D–) (D– A or B port)
IOL = 180 μA, VIx ≤ 0.15 V
2.3 V
2.3 V
0.55
V
IOL = 220 μA, VIx ≤ 0.15 V
3.3 V
3.3 V
0.7
1.65 V
1.65 V
VCCO × 0.67
IOH = –20 μA,
VOH(D+) (D+ A or B port)
2.3 V
2.3 V
VCCO × 0.67
V
VIx ≥ VCCx – 0.2 V
3.3 V
3.3 V
VCCO × 0.67
IOL = 220 μA, VIx ≤ 0.15 V
1.65 V
1.65 V
0.45
VOL(D+) (D– A or B port)
IOL = 300 μA, VIx ≤ 0.15 V
2.3 V
2.3 V
0.55
V
IOL = 620 μA, VIx ≤ 0.15 V
3.3 V
3.3 V
0.7
OE
±2
±2
1.65 V to 3.6 V
1.65 V to 3.6 V
D
–/D+ A or B port, OE =
±2
±2
OPEN
II
μA
IBOFF, D+, D– B port
1.65 V to 3.6 V
0 V
±2
IAOFF, D+, D– A port
0 V
1.65 V to 3.6 V
±2
1.65 V to 3.6 V
1.65 V to 3.6 V
2.2
12
VI = VO = Open,
ICCA
3.6 V
0 V
2.3
12
μA
OE = High
0 V
3.6 V
0.026
–1
1.65 V to 3.6 V
1.65 V to 3.6 V
2.7
24
VI = VO = Open,
ICCB
3.6 V
0 V
0.031
–12
μA
OE = High
0 V
3.6 V
2.7
24
Ci
OE
3.6 V
3.6 V
2.5
3.5
pF
A port
7
7.5
Cio
3.6 V
3.6 V
pF
B port
9.5
10
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TXS0202


Similar Part No. - TXS0202YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results

Similar Description - TXS0202YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
   SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
SMSC Corporation
LAN9730-ABZJ SMSC-LAN9730-ABZJ Datasheet
1Mb / 61P
   High-Speed Inter-Chip (HSIC) USB 2.0
logo
ON Semiconductor
FXLH1T45 ONSEMI-FXLH1T45 Datasheet
460Kb / 12P
   Level Translator
March, 2019 ??Rev. 2
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
[Old version datasheet]   Channel Bidirectional Multi-Voltage Level Translator
logo
Maxim Integrated Produc...
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com