Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0202 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0202
Description  A Inter Chip-USB Voltage Level Translator Small Packages: WCSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0202 Datasheet(HTML) 6 Page - Texas Instruments

  TXS0202 Datasheet HTML 1Page - Texas Instruments TXS0202 Datasheet HTML 2Page - Texas Instruments TXS0202 Datasheet HTML 3Page - Texas Instruments TXS0202 Datasheet HTML 4Page - Texas Instruments TXS0202 Datasheet HTML 5Page - Texas Instruments TXS0202 Datasheet HTML 6Page - Texas Instruments TXS0202 Datasheet HTML 7Page - Texas Instruments TXS0202 Datasheet HTML 8Page - Texas Instruments TXS0202 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
18 pF
DATA RATE, SKEW, PROPAGATION DELAY,
OUTPUT RISE AND FALL TIME MEASUREMENT
VCCO
VCCI
DUT
IN
OUT
tPLH
tPHL
VCCI
0 V
VCCO/2
VOH
VOL
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Output
VCCI/2
VCCI/2
0.9
VCCO
VCCO/2
tr
0.1
VCCO
tf
A. C includes probe and jig capacitance.
B. The outputs are measured one at a time, with one transition per measurement.
C. t
and t
are the same as t .
L
PLH
PHL
pd
TXS0202
SCES711A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 1.8 V ± 0.15 V
VCCB = 3.3 V ± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
A
B
5
5
tpd
ns
B
A
5
5
trA
A port rise times
2
2
ns
tfA
A port fall times
2
2
ns
trB
B port rise times
2
2
ns
tfB
B port fall times
2
2
ns
tsk(o)
Channel-to-channel
0.5
0.5
ns
Max data rate
15
15
Mbps
PARAMETER MEASUREMENT INFORMATION
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TXS0202


Similar Part No. - TXS0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results

Similar Description - TXS0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
   SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
SMSC Corporation
LAN9730-ABZJ SMSC-LAN9730-ABZJ Datasheet
1Mb / 61P
   High-Speed Inter-Chip (HSIC) USB 2.0
logo
ON Semiconductor
FXLH1T45 ONSEMI-FXLH1T45 Datasheet
460Kb / 12P
   Level Translator
March, 2019 ??Rev. 2
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
[Old version datasheet]   Channel Bidirectional Multi-Voltage Level Translator
logo
Maxim Integrated Produc...
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com