Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0202 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0202
Description  A Inter Chip-USB Voltage Level Translator Small Packages: WCSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0202 Datasheet(HTML) 2 Page - Texas Instruments

  TXS0202 Datasheet HTML 1Page - Texas Instruments TXS0202 Datasheet HTML 2Page - Texas Instruments TXS0202 Datasheet HTML 3Page - Texas Instruments TXS0202 Datasheet HTML 4Page - Texas Instruments TXS0202 Datasheet HTML 5Page - Texas Instruments TXS0202 Datasheet HTML 6Page - Texas Instruments TXS0202 Datasheet HTML 7Page - Texas Instruments TXS0202 Datasheet HTML 8Page - Texas Instruments TXS0202 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TXS0202
1.8 V
3 V
MM SIM Card
Application
Processor
VCCB
D+(B)
D–(B)
GND
VCCA
D+(A)
D+
D+
D–(A)
D–
D–
OE
TXS0202
SCES711A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION BLOCK DIAGRAM
PIN FUNCTIONS
PIN
DESCRIPTION
WSCP (YFP)
NAME
BALL NO.
A1
D+(B)
USB data signal connected to peripheral
A2
D
–(B)
USB data signal connected to peripheral
B1
GND
Ground
B2
VCCB
B-side supply voltage (1.65 V to 3.6 V)
C1
VCCA
A-side supply voltage (1.65 V to 3.6 V)
C2
OE
Output enable input control
D1
D+(A)
USB data signal connected to host
D2
D
–(A)
USB data signal connected to host
FUNCTIONAL TABLE
CONTROL INPUT
OUTPUT CIRCUIT
OPERATION
OE
B PORT
L
Hi-Z
Isolation
H
Enabled
Bi-directional communications between host and peripheral
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TXS0202


Similar Part No. - TXS0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
574Kb / 25P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results

Similar Description - TXS0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
   Dual Voltage Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
   SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
SMSC Corporation
LAN9730-ABZJ SMSC-LAN9730-ABZJ Datasheet
1Mb / 61P
   High-Speed Inter-Chip (HSIC) USB 2.0
logo
ON Semiconductor
FXLH1T45 ONSEMI-FXLH1T45 Datasheet
460Kb / 12P
   Level Translator
March, 2019 ??Rev. 2
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
[Old version datasheet]   Channel Bidirectional Multi-Voltage Level Translator
logo
Maxim Integrated Produc...
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com