Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6030B107CMR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6030B107CMR
Description  Fully Integrated Power Management with Switch Mode Charger
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6030B107CMR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TWL6030B107CMR Datasheet HTML 3Page - Texas Instruments TWL6030B107CMR Datasheet HTML 4Page - Texas Instruments TWL6030B107CMR Datasheet HTML 5Page - Texas Instruments TWL6030B107CMR Datasheet HTML 6Page - Texas Instruments TWL6030B107CMR Datasheet HTML 7Page - Texas Instruments TWL6030B107CMR Datasheet HTML 8Page - Texas Instruments TWL6030B107CMR Datasheet HTML 9Page - Texas Instruments TWL6030B107CMR Datasheet HTML 10Page - Texas Instruments TWL6030B107CMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
TWL6030
www.ti.com
SWCS045B
– SEPTEMBER 2010 – REVISED JUNE 2011
Table 2. Ball Description (continued)
CONNECTION IF
NAME
BALL
TYPE
I/O (1)
DESCRIPTION
PU/PD(2)
NOT USED
REFGND_B1
A9
Ground
I
System reference ground
Ground
REFGND_B2
F12
VBG
G12
Analog
O
Band gap output reference voltage
N/A
TESTING
Ground (fixed
*PD
TESTEN
J8
Digital
I
Test mode enable
internal pulldown
170
–950 kΩ
to ground)
TESTV
A15
Analog
O
Internal voltages sense line
Floating
SYSTEM CONTROL
PU
Control I2C serial clock (I2C voltage level is set by
CTLI2C_SCL
M4
Digital
I/O
N/A
0.46
–1.76
an external pullup.)
k
Ω
PU
Control I2C serial bidirectional data (I2C voltage
CTLI2C_SDA
N4
Digital
I/O
N/A
0.46
–1.76
level is set by an external pullup.)
k
Ω
Maskable interrupt output request to the host
INT
K10
Digital
O
Floating
processor
BATREMOVAL
L12
Digital
O
Battery removal indicator
Floating
BOOT0
H8
Digital
I
Boot ball 0 for power-up sequence selection
Ground or VRTC
BOOT1
G8
Digital
I
Boot ball 1 for power-up sequence selection
Ground or VRTC
BOOT2
G9
Digital
I
Boot ball 2 for power-up sequence selection
Ground or VRTC
BOOT3
H9
Digital
I
Boot ball 3 for power-up sequence selection
Ground or VRTC
*PU
NRESPWRON
N5
Digital
O
System reset/power on output
Floating
70
–190 kΩ
Floating (fixed
PU/*PD
NRESWARM
M5
Digital
I
Warm reset input
internal pullup to
170
–950 kΩ
VIO)
Floating (use of
internal PU/PD) or
tied to common
PU/*PD
PREQ1
J9
Digital
I
Peripheral 1 power request input
ground or VIO
170
–950 kΩ
(depending on
selected
sensitivity)
Floating (use of
internal PU/PD) or
tied to common
PU/*PD
PREQ2A
K9
Digital
I
Peripheral 2A power request input
ground or VIO
170
–950 kΩ
(depending on
selected
sensitivity)
Floating (use of
internal PU/PD) or
tied to common
PU/*PD
PREQ2B
K8
Digital
I
Peripheral 2B power request input
ground or VIO
170
–950 kΩ
(depending on
selected
sensitivity)
Floating (use of
internal PU/PD) or
tied to common
PU/*PD
PREQ2C
M7
Digital
I
Peripheral 2C power request input
ground or VIO
170
–950 kΩ
(depending on
selected
sensitivity)
Copyright
© 2010–2011, Texas Instruments Incorporated
7


Similar Part No. - TWL6030B107CMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6030B107CMR TI1-TWL6030B107CMR Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030B107CMR TI-TWL6030B107CMR Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030B107CMRR TI1-TWL6030B107CMRR Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030B107CMRR TI-TWL6030B107CMRR Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
More results

Similar Description - TWL6030B107CMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
[Old version datasheet]   TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24158 TI-BQ24158_12 Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com