Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74001DPTR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS74001DPTR
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74001DPTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS74001DPTR Datasheet HTML 4Page - Texas Instruments TPS74001DPTR Datasheet HTML 5Page - Texas Instruments TPS74001DPTR Datasheet HTML 6Page - Texas Instruments TPS74001DPTR Datasheet HTML 7Page - Texas Instruments TPS74001DPTR Datasheet HTML 8Page - Texas Instruments TPS74001DPTR Datasheet HTML 9Page - Texas Instruments TPS74001DPTR Datasheet HTML 10Page - Texas Instruments TPS74001DPTR Datasheet HTML 11Page - Texas Instruments TPS74001DPTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
2.5
InputVoltage(V)
0.5
V
=5V
V
=1.5V
BIAS
OUT
2
1.5
1
I
=10mA
OUT
I
=1.5A
OUT
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
7
BiasVoltage(V)
1
V
=2.5V
V
=1.5V
IN
OUT
4
3
2
I
=10mA
OUT
I
=1.5A
OUT
5
6
1.515
1.51
1.505
1.5
1.495
1.49
1.485
0
1600
OutputCurrent(mA)
200
V
=5V
V
=2.5V
BIAS
IN
800
600
400
TPS74001
ReferenceDeviceA
1000
1200
1400
300
250
200
150
100
50
0
3
6.5
BiasVoltage(V)
3.5
V
=0V
I
=1.5A
V
=2.5V
OUT
IN
FB
5
4.5
4
5.5
6
300
250
200
150
100
50
0
-40
125
Temperature( C)
°
-25
V
=5V
BIAS
V
=0V
V
=2.5V
FB
IN
20
5
-10
35
95
80
65
50
110
45
40
35
30
25
20
15
10
5
0
-40
125
Temperature( C)
°
-25
V
=2.5V
V
=1.5V
IN
OUT
V
=5V
BIAS
20
5
-10
35
95
80
65
50
110
I
=10mA
OUT
I
=100mA
OUT
I
=750mA
OUT
I
=1500mA
OUT
TPS740xx
SBVS091A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = 2.5 V, VBIAS = 5.0 V, VOUT(target) = 1.5 V, VEN = VBIAS, CIN = 2.2 μF, CBIAS = 2.2 μF, and COUT = 10 μF,
unless otherwise noted.
DROPOUT CHARACTERISTICS
DROPOUT CHARACTERISTICS
(INPUT VOLTAGE)
(BIAS VOLTAGE)
Figure 9.
Figure 10.
LOAD REGULATION
MAXIMUM BIAS CURRENT vs BIAS VOLTAGE(1)
Figure 11.
Figure 12.
MAXIMUM BIAS CURRENT vs TEMPERATURE
BIAS CURRENT vs TEMPERATURE
Figure 13.
Figure 14.
(1)
This device does not show large bias current at any condition.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS740xx


Similar Part No. - TPS74001DPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001DPTR TI1-TPS74001DPTR Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Similar Description - TPS74001DPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com