Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440CNQ030 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 440CNQ030
Description  Schottky PowerMod
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

440CNQ030 Datasheet(HTML) 1 Page - Microsemi Corporation

  440CNQ030 Datasheet HTML 1Page - Microsemi Corporation 440CNQ030 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
10500 pF
12.0 mA
4.0 A
5000 Amps
250 Amps
500 Amps
Electrical Characteristics
2 Amps
0.55 Volts
0.49 Volts
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
D=Doubler
Baseplate: Nickel plated
copper
Reverse Voltage
Repetitive Peak
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Schottky PowerMod
CPT50235 - CPT50245
Maximum repetitive reverse current per leg
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Mounting Base Torque (center hole)
center hole must be torqued first
Weight
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
*Add Suffix A for Common Anode, D for Doubler
STG
OCS
OJC
R
R
TJ
T
C
I
J
RM
F(AV)
R(OV)
FSM
F(AV)
V
V
I
FM
RM
FM
I
I
I
I
Catalog Number
H
Q
Working Peak
Reverse Voltage
45V
35V
40V
CPT50245*
CPT50240*
CPT50235*
Microsemi
U
N
W
F
V
Notes:
E
45V
35V
40V
U
C
B
G
R
A
C = 79°C, square wave,
0JC = 0.12°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (78 grams) typical
FM = 250A: J = 150°C*
FM = 250A: J = 25°C*
R = 5.0V, C = 25°C
RRM, J = 25°C*
RRM, J = 125°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3ms, half sine, J = 150°C
Case to sink
Junction to case
-55°C to 150°C
-55°C to 150°C
35-50 inch pounds
0.24°C/W
0.08°C/W
V
V
T
T
I
V
I
T
T
T
T
T
T
R
R
Notes
Dia.
Dia.
1/4-20
0.800
0.130
0.510
0.290
---
0.340
0.195
3.150 BSC
---
0.640
0.030
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.490
0.007
G
H
F
0.700
0.120
0.615
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
3.05
12.45
15.53
0.18
7.37
---
8.64
4.95
---
20.32
3.30
12.95
16.26
0.76
Dim. Inches
Max.
3.630
Min.
---
A
Millimeters
Min.
---
Max.
92.20
Max thermal resistance per pkg
OJC
R
Junction to case
0.12°C/W
Part Number
444CNQ045
444CNQ035
440CNQ030
Industry
444CNQ040
MBR50040CT
MBR50045CT
MBR50035CT
150°C Junction Temperature
500 Amperes/35 to 45 Volts
Schottky Barrier Rectifier
Guard Ring Protection
Reverse Energy Tested
C = 79°C, square wave,
0JC = 0.24°C/W
January, 2010 - Rev. 6
www.microsemi.com


Similar Part No. - 440CNQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
440CNQ030 IRF-440CNQ030 Datasheet
141Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
440CNQ030 SMC-440CNQ030 Datasheet
199Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
440CNQ030PBF VISHAY-440CNQ030PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 440 A
Revision: 29-Apr-08
More results

Similar Description - 440CNQ030

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
   Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
   Schottky PowerMod
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
   Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
   Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
   Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
   SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
   Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
   Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
   Schottky PowerMod
FST20035 MICROSEMI-FST20035_10 Datasheet
120Kb / 2P
   Schottky PowerMod
CPT20080 MICROSEMI-CPT20080_10 Datasheet
123Kb / 2P
   Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com