Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2293UK Datasheet(PDF) 1 Page - Seme LAB

Part # D2293UK
Description  METAL GATE RF SILICON FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2293UK Datasheet(HTML) 1 Page - Seme LAB

  D2293UK Datasheet HTML 1Page - Seme LAB D2293UK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2293UK
Prelim. 7/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current *
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
42W
40V
±20V
8A
–65 to 150°C
200°C
MECHANICAL DATA
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
10W – 12.5V – 500MHz
SINGLE ENDED
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 11 dB MINIMUM
SOT 171
PIN 1
SOURCE
PIN 3
GATE
PIN 5
SOURCE
PIN 2
SOURCE
PIN 4
DRAIN
PIN 6
SOURCE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• HF/VHF/UHF COMMUNICATIONS
from 1 MHz to 1 GHz
METAL GATE RF SILICON FET
TetraFET


Similar Part No. - D2293UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2290UK SEME-LAB-D2290UK Datasheet
23Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 1W - 12.5V - 1GHz SINGLE ENDED
D2294UK SEME-LAB-D2294UK Datasheet
73Kb / 5P
   METAL GATE RF SILICON FET
logo
Vishay Siliconix
D229C20C0JF6.J5R VISHAY-D229C20C0JF6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D229C20C0JF6.L2R VISHAY-D229C20C0JF6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D229C20C0JH6.J5R VISHAY-D229C20C0JH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
More results

Similar Description - D2293UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com