Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62735DRY Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62735DRY
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62735DRY Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62735DRY Datasheet HTML 7Page - Texas Instruments TPS62735DRY Datasheet HTML 8Page - Texas Instruments TPS62735DRY Datasheet HTML 9Page - Texas Instruments TPS62735DRY Datasheet HTML 10Page - Texas Instruments TPS62735DRY Datasheet HTML 11Page - Texas Instruments TPS62735DRY Datasheet HTML 12Page - Texas Instruments TPS62735DRY Datasheet HTML 13Page - Texas Instruments TPS62735DRY Datasheet HTML 14Page - Texas Instruments TPS62735DRY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS62730
V
= 2.1 V
OUT
V
= 3.0 V
ON/BYP = V
IN
IN
I
L = 2.2
H
C
= 2.2
F
C
= 3.6 F
OUT
OUT
Load
= 18mA
m
m
m
SW
V
OUT
I
L
TPS62730
V
= 2.1 V
OUT
V
= 3.0 V
ON/BYP = V
IN
IN
SW
V
OUT
I
L
I
L = 2.2
H
C
= 2.2
F
C
= 3.6 F
OUT
OUT
Load
= 1mA
m
m
m
TPS62730
V
= 2.1 V
OUT
V
= 3.0 V
ON/BYP = V
IN
IN
I
L = 2.2
H
C
= 2.2
F
C
= 3.6 F
OUT
OUT
Load
= 50mA
m
m
m
SW
V
OUT
I
L
TPS62730
V
= 2.1 V
OUT
V
= 2.3V to 2.7V
ON/BYP = V
IN
IN
I
L = 2.2
H
C
= 2.2
F
C
= 3.6 F
OUT
OUT
Load
= 20mA to1mA
m
m
m
TPS62730
www.ti.com
SLVSAC3
– MAY 2011
TYPICAL CHARACTERISTICS (continued)
Figure 17. DC/DC Mode Operation IOUT = 1mA
Figure 18. DC/DC Mode Operation IOUT = 18mA
Figure 19. DC/DC Mode Operation IOUT = 50mA
Figure 20. DC/DC Mode Operation Line and Load
Transient Performance
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - TPS62735DRY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62735 TI-TPS62735 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results

Similar Description - TPS62735DRY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com