Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61261DRVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61261DRVR
Description  TINY LOW INPUT VOLTAGE BOOST CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61261DRVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS61261DRVR Datasheet HTML 1Page - Texas Instruments TPS61261DRVR Datasheet HTML 2Page - Texas Instruments TPS61261DRVR Datasheet HTML 3Page - Texas Instruments TPS61261DRVR Datasheet HTML 4Page - Texas Instruments TPS61261DRVR Datasheet HTML 5Page - Texas Instruments TPS61261DRVR Datasheet HTML 6Page - Texas Instruments TPS61261DRVR Datasheet HTML 7Page - Texas Instruments TPS61261DRVR Datasheet HTML 8Page - Texas Instruments TPS61261DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS61260, TPS61261
www.ti.com
SLVSA99
– MAY 2011
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX UNIT
Supply voltage at VIN
0.8
4.0
V
Operating free air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
125
°C
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25
°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC/DC STAGE
VI
Input voltage range
0.8
4.0
V
VI
Minimum input voltage for startup
0.8
V
VO
TPS61260 output voltage range
1.8
4.0
V
VFB
TPS61260 feedback voltage
-40
°C < TJ < 85°C
495
500
505
mV
TPS61261 output voltage
3.27
3.3
3.33
V
7 x
ISW
Average switch current limit
mA
IOUT
High side switch on resistance
VIN = 1.2 V, VOUT = 3.3 V
1000
m
Low side switch on resistance
VIN = 1.2 V, VOUT = 3.3 V
250
m
Maximum output voltage line regulation
0.5%
Maximum output voltage load regulation
0.5%
IOUT
Average output current programming range
10
100
mA
Average output current
RI = 10 kΩ, TA = 25 °C, VIN < VOUT
19
20
21
mA
Average output current
RI = 10 kΩ, 0°C < TJ < 60°C, VIN < VOUT
18
20
22
mA
Maximum average output current line regulation
0.5%
Maximum average output current load regulation
0.5%
VIN
4
7
μA
IO = 0 mA, VEN = VIN = 1.2 V,
Quiescent
Iq
current
VOUT = 3.3 V
VOUT
25
40
μA
TPS61261 FB input impedance
VEN = HIGH
1
M
IS
Shutdown current
VEN = 0 V, VIN = 1.2 V
0.1
1.5
μA
CONTROL STAGE
UVLO
Under voltage lockout threshold
VIN voltage decreasing
0.6
0.7
0.8
V
Under voltage lockout threshold hysteresis
200
mV
VIN ≤ 1.8 V, -40°C < TJ < 85°C
0.2
×
VIL
EN input low voltage
VIN
VIL
EN input low voltage
VIN > 1.8 V, -40°C < TJ < 85°C
0.36
V
VIN ≤ 1.5 V
0.8
×
VIH
EN input high voltage
VIN
VIH
EN input high voltage
VIN > 1.5 V
1.2
V
EN input current
Clamped on GND or VIN
0.01
0.1
μA
Output overvoltage protection
4.0
4.5
V
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS61261DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61261DRVR TI1-TPS61261DRVR Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
More results

Similar Description - TPS61261DRVR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com