Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54478RTER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54478RTER
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54478RTER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54478RTER Datasheet HTML 7Page - Texas Instruments TPS54478RTER Datasheet HTML 8Page - Texas Instruments TPS54478RTER Datasheet HTML 9Page - Texas Instruments TPS54478RTER Datasheet HTML 10Page - Texas Instruments TPS54478RTER Datasheet HTML 11Page - Texas Instruments TPS54478RTER Datasheet HTML 12Page - Texas Instruments TPS54478RTER Datasheet HTML 13Page - Texas Instruments TPS54478RTER Datasheet HTML 14Page - Texas Instruments TPS54478RTER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
O
0.6 V
R2 = R1
V
0.6 V
æ
ö
´ ç
÷
-
è
ø
TPS54478
www.ti.com
SLVSAS2
– JUNE 2011
To reduce the power dissipation of TPS54478 during overcurrent event, the hiccup protection is implemented
beyond the cycle-by-cycle protection. Thermal shutdown prevents the overheat damage of the device.
DETAILED DESCRIPTION
FIXED FREQUENCY PWM CONTROL
The TPS54478 uses an adjustable fixed frequency, peak current mode control. The output voltage is compared
through external resistors on the VSENSE pin to an internal voltage reference by an error amplifier which drives
the COMP pin. An internal oscillator initiates the turn on of the high side power switch. The error amplifier output
is compared to the high side power switch current. When the power switch current reaches the COMP voltage
level the high side power switch is turned off and the low side power switch is turned on. The COMP pin voltage
increases and decreases as the output current increases and decreases. The device implements a current limit
by clamping the COMP pin voltage to a maximum level and also implements a minimum clamp for improved
transient response performance.
SLOPE COMPENSATION AND OUTPUT CURRENT
The TPS54478 adds a compensating ramp to the switch current signal. This slope compensation prevents
sub-harmonic oscillations as duty cycle increases. The available peak inductor current remains constant over the
full duty cycle range.
BOOTSTRAP VOLTAGE (BOOT) AND LOW DROPOUT OPERATION
The TPS54478 has an integrated boot regulator and requires a small ceramic capacitor between the BOOT and
PH pin to provide the gate drive voltage for the high side MOSFET. The value of the ceramic capacitor should be
0.1
μF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10 V or higher is
recommended because of the stable characteristics over temperature and voltage.
To improve drop out, the TPS54478 is designed to operate at 100% duty cycle as long as the BOOT to PH pin
voltage is greater than 2.2 V. The high side MOSFET is turned off using an UVLO circuit, allowing for the low
side MOSFET to conduct when the voltage from BOOT to PH drops below 2.2 V. Since the supply current
sourced from the BOOT pin is very low, the high side MOSFET can remain on for more switching cycles than are
required to refresh the capacitor, thus the effective duty cycle of the switching regulator is very high.
ERROR AMPLIFIER
The TPS54478 has a transconductance amplifier. The error amplifier compares the VSENSE voltage to the lower
of the SS/TR pin voltage or the internal 0.600 V voltage reference. The transconductance of the error amplifier is
225
μA/V during normal operation. When the voltage of VSENSE pin is below 0.600 V and the device is
regulating using the SS/TR voltage, the gm is typically greater than 77
μA/V, but less than 225 μA/V. The
frequency compensation components are placed between the COMP pin and ground.
VOLTAGE REFERENCE
The voltage reference system produces a precise
±1% voltage reference over temperature by scaling the output
of a temperature-stable bandgap circuit. The bandgap and scaling circuits produce 0.600 V at the non-inverting
input of the error amplifier.
ADJUSTING THE OUTPUT VOLTAGE
The output voltage is set with a resistor divider from the output node to the VSENSE pin. It is recommended to
use divider resistors with 1% tolerance or better. Start with a 20 k
Ω for the R1 resistor and use the Equation 1 to
calculate R2. To improve efficiency at very light loads consider using larger value resistors. If the values are too
high the regulator is more susceptible to noise and voltage errors from the VSENSE input current are noticeable.
vertical spacer
vertical spacer
(1)
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - TPS54478RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54478RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com