Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54429ERSAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54429ERSAR
Description  7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54429ERSAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54429ERSAR Datasheet HTML 1Page - Texas Instruments TPS54429ERSAR Datasheet HTML 2Page - Texas Instruments TPS54429ERSAR Datasheet HTML 3Page - Texas Instruments TPS54429ERSAR Datasheet HTML 4Page - Texas Instruments TPS54429ERSAR Datasheet HTML 5Page - Texas Instruments TPS54429ERSAR Datasheet HTML 6Page - Texas Instruments TPS54429ERSAR Datasheet HTML 7Page - Texas Instruments TPS54429ERSAR Datasheet HTML 8Page - Texas Instruments TPS54429ERSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
VBST
SW3
SW1
SW2
VFB
VREG5
GND
SS
POWER PAD
16
7
5
6
2
3
4
1
15
12
11
9
8
10
14
13
POWER PAD
SW1
VBST
SS
VO
VFB
GND
PGND1
14
7
5
6
2
3
4
1
VIN2
EN
PG
VREG5
13
12
11
9
8
PGND2
10
SW2
VIN1
TPS54429E
www.ti.com
SLVSAS0 –FEBRUARY 2011
RSA PACKAGE
DEVICE INFORMATION
(TOP VIEW)
PWP PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NUMBER
PWP 14
RSA 16
VO
1
16
Connect to output of converter. This terminal is used for On-Time Adjustment.
VFB
2
1
Converter feedback input. Connect to output voltage with feedback resistor divider.
5.5 V power supply output. A capacitor (typical 1 µF) should be connected to GND. VREG5 is not
VREG5
3
2
active when EN is low.
SS
4
3
Soft-start control. A external capacitor should be connected to GND.
GND
5
4
Signal ground pin.
PG
6
5
Open drain power good output.
EN
7
6
Enable control input. EN is active high and must be pulled up to enable the device.
PGND1,
Ground returns for low-side MOSFET. Also serve as inputs of current comparators. Connect
8, 9
7, 8
PGND2
PGND and GND strongly together near the IC.
Switch node connection between high-side NFET and low-side NFET. Also serve as inputs to
SW1, SW2
10, 11
9, 10, 11 current comparators.
Supply input for high-side NFET gate driver (boost terminal). Connect capacitor from this pin to
VBST
12
12
respective SW1, SW2 terminals. An internal PN diode is connected between VREG5 to VBST pin.
Power input and connected to high side NFET drain. Supply input for 5-V internal linear regulator
VIN1, VIN2
13, 14
13, 14, 15 for the control circuitry.
PowerPAD™
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Should be
or Thermal
Back side Back side connected to PGND.
Pad
©
2011, Texas Instruments Incorporated
5
Product Folder Link(s) :TPS54429E


Similar Part No. - TPS54429ERSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54429ERSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429 TI1-TPS54429 Datasheet
656Kb / 22P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down ( SWIFT?? Converter
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com