Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54429PWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54429PWP
Description  7V to 18V Input, 4.5-A Synchronous Step-Down ( SWIFT?? Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54429PWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54429PWP Datasheet HTML 5Page - Texas Instruments TPS54429PWP Datasheet HTML 6Page - Texas Instruments TPS54429PWP Datasheet HTML 7Page - Texas Instruments TPS54429PWP Datasheet HTML 8Page - Texas Instruments TPS54429PWP Datasheet HTML 9Page - Texas Instruments TPS54429PWP Datasheet HTML 10Page - Texas Instruments TPS54429PWP Datasheet HTML 11Page - Texas Instruments TPS54429PWP Datasheet HTML 12Page - Texas Instruments TPS54429PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
-50
0
50
100
150
T - Junction Temperature - °C
J
0
200
400
600
800
1000
1200
0
2
4
6
8
-50
0
50
100
150
T - Junction Temperature - °C
J
0
20
40
60
80
100
0
5
10
15
20
EN-InputVoltage-V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
I
- Output Current - A
O
1.04
1.05
1.06
1.07
1.08
V = 12 V
I
V = 18 V
I
V = 7 V
I
TPS54429
www.ti.com
SLVSAS1
– FEBRUARY 2011
TYPICAL CHARACTERISTICS
VIN CURRENT
VIN SHUTDOWN CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
EN CURRENT
1.05-V OUTPUT VOLTAGE
vs
vs
EN VOLTAGE
OUTPUT CURRENT
Figure 3.
Figure 4.
© 2011, Texas Instruments Incorporated
9
Product Folder Link(s) :TPS54429


Similar Part No. - TPS54429PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429E TI1-TPS54429E Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429EPWP TI1-TPS54429EPWP Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429EPWPR TI1-TPS54429EPWPR Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429ERSAR TI1-TPS54429ERSAR Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429ERSAT TI1-TPS54429ERSAT Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
More results

Similar Description - TPS54429PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54429E TI1-TPS54429E Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54228 TI1-TPS54228 Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54227 TI1-TPS54227 Datasheet
329Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com