Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54227 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54227
Description  4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54227 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54227 Datasheet HTML 1Page - Texas Instruments TPS54227 Datasheet HTML 2Page - Texas Instruments TPS54227 Datasheet HTML 3Page - Texas Instruments TPS54227 Datasheet HTML 4Page - Texas Instruments TPS54227 Datasheet HTML 5Page - Texas Instruments TPS54227 Datasheet HTML 6Page - Texas Instruments TPS54227 Datasheet HTML 7Page - Texas Instruments TPS54227 Datasheet HTML 8Page - Texas Instruments TPS54227 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS54227
SLVSAU2
– MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Shutdown temperature (2)
165
TSDN
Thermal shutdown threshold
°C
Hysteresis (2)
35
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
150
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
310
ns
SOFT START
ISSC
SS charge current
VSS = 1V
1.4
2.0
2.6
μA
ISSD
SS discharge current
VSS = 0.5 V
0.1
0.2
mA
UVLO
Wake up VREG5 voltage
3.45
3.75
4.05
UVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.13
0.32
0.48
(2)
Not production tested.
4
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS54227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54227 TI-TPS54227 Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DDA TI-TPS54227DDA Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DDA TI1-TPS54227DDA Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
TPS54227DDAR TI-TPS54227DDAR Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DDAR TI1-TPS54227DDAR Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results

Similar Description - TPS54227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54228 TI1-TPS54228 Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54239 TI-TPS54239 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter
TPS54239 TI-TPS54239_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com