Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR307 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # FR307
Description  3.0 A, Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR307 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  FR307 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR307 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
FR301 ~ FR307
VOLTAGE 50 ~ 1000 V
3.0 A, Fast Recovery Rectifiers
01-April-2009 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
MECHANICAL DATA
Glass Passivated
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.1050 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PART NUMBERS
PARAMETERS
SYMBOL
FR
301
FR
302
FR
303
FR
304
FR
305
FR
306
FR
307
UNITS
TESTING
CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
800
1000
V
Instantaneous Forward Voltage(Max.)
VF
1.3
V
IF = 3A
Average Forward
Rectified Current (Max.)
IO
3.0
A
0.375” (9.5mm)
lead length
@ TA = 75°C
Peak Forward Surge Current
IFSM
80
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
5.0
VR = VDC, TA=25°C
DC Reverse Current (Max.)
IR
150
μA
VR=VDC, TA=100°C
Reverse Recovery Time (Max.)
TRR
150
250
500
nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Junction Capacitance (Typ.)
CJ
60
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage Temperature Range
TSTG
-65 ~ 150
°C
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
5.00
5.60
D
1.20
1.32
DO-27


Similar Part No. - FR307

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR307 SY-FR307 Datasheet
260Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
FR307 WTE-FR307 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
FR307 ZSELEC-FR307 Datasheet
118Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FR307 LUGUANG-FR307 Datasheet
191Kb / 2P
   3.0 AMP. Fast Recovery Rectifiers
logo
Leshan Radio Company
FR307 LRC-FR307 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
More results

Similar Description - FR307

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301_15 Datasheet
166Kb / 2P
   3.0 A, Fast Recovery Rectifiers
1N5400G SECOS-1N5400G Datasheet
411Kb / 2P
   3.0 A Glass Passivated Fast Recovery Rectifiers
FR301G SECOS-FR301G_15 Datasheet
167Kb / 2P
   3.0 A, Glass Passivated Fast Recovery Rectifiers
FR301G SECOS-FR301G Datasheet
167Kb / 2P
   3.0 A, Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BY396 TSC-BY396_06 Datasheet
209Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_10 Datasheet
546Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR301 TSC-FR301 Datasheet
68Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_1 Datasheet
244Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
MR850 TSC-MR850 Datasheet
69Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com