Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40322 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 29Page - Texas Instruments TPS40322 Datasheet HTML 30Page - Texas Instruments TPS40322 Datasheet HTML 31Page - Texas Instruments TPS40322 Datasheet HTML 32Page - Texas Instruments TPS40322 Datasheet HTML 33Page - Texas Instruments TPS40322 Datasheet HTML 34Page - Texas Instruments TPS40322 Datasheet HTML 35Page - Texas Instruments TPS40322 Datasheet HTML 36Page - Texas Instruments TPS40322 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
TPS40322
www.ti.com
SLUSAF8
– JUNE 2011
Table 6. TPS40322 Design Example 2, Two-Phase, Single Output Bill of Materials
REFERENCE
QTY
DESCRIPTION
PART NUMBER
MFR
DESIGNATOR
C1, C2, C3, C31,
6
Capacitor, Ceramic, 22
µF, 25V, X5R, ±20%, 1210
Std
Std
C32, C33
C4, C18, C28, C30
4
Capacitor, Ceramic, 1
µF, 50V, X7R, ±10%, 0603
Std
Std
C5, C6, C7, C22, C29
5
Capacitor, Ceramic, 0.1 uF, 50V, X7R,
±10%, 0603
Std
Std
C8, C21
2
Capacitor, Ceramic, 6.8 nF, 50V, X7R,
±10%, 0805
Std
Std
C9
1
Capacitor, Ceramic, 2.2 nF, 16V, X7R,
±10%, 0603
Std
Std
C10, C11, C12, C13,
Capacitor, Polymer Aluminum, 220
µF, 4V, ±20%,
8
EEFSE0G221R
Panasonic - ECG
C23, C24, C25, C26
5m
ESR
C14, C27
2
Capacitor, Ceramic, 22
µF, 6.3 V, X5R, ±10%, 0805
Std
Std
C15
1
Capacitor, Ceramic, 8.2 nF, 16 V, X7R,
±10%, 0603
Std
Std
C16
1
Capacitor, Ceramic, 330 pF, 16 V, X7R,
±10%, 0603
Std
Std
C17
1
Capacitor, Ceramic, 22 nF, 50 V, X7R,
±10%, 0603
Std
Std
C19, C20
2
Capacitor, Ceramic, 4.7
µF, 16 V, X7R, ±10%, 0805
Std
Std
C38, C39
2
Capacitor, Aluminum, 100
µF, 25 V, ±20%, F8
ECE-V1EA101XP
Panasonic - ECG
Inductor, SMT, 0.47
µH, ±20%, 1.2 mΩ, 0.512 x
L1, L2
2
IHLP5050FDERR47M01 Vishay/Dale
0.571"
Q1, Q4
2
MOSFET, N-channel, 30 V, 30 A, 8m
Ω, 5-LFPAK
RJK0305
Renesas Electronics
Q2, Q3
2
MOSFET, N-channel, 30 V, 60 A, 2.1 m
Ω, 5-LFPAK
RJK0328
Renesas Electronics
R1
1
Resistor, Chip, 42 k
Ω, 1/10W, ±1%, 0603
Std
Std
R2
1
Resistor, Chip, 100 k
Ω, 1/10W, ±1%, 0603
Std
Std
R3, R19
2
Resistor, Chip, 4.7 k
Ω, 1/10W, ±1%, 0603
Std
Std
R4
1
Resistor, Chip, 38.5 k
Ω, 1/10W, ±1%, 0603
Std
Std
R5
1
Resistor, Chip, 49.9
Ω, 1/10W, ±1%, 0603
Std
Std
R6, R8, R16
3
Resistor, Chip, 10 k
Ω, 1/10W, ±1%, 0603
Std
Std
R7, R27, R28, R29,
5
Resistor, Chip, 0
Ω, 1/10W, ±1%, 0603
Std
Std
R30
R9
1
Resistor, Chip, 511
Ω, 1/10W, ±1%
Std
Std
R10, R17
1
Resistor, Chip, 1.00
Ω, 1/8W, ±1%, 0805
Std
Std
R11, R18
2
Resistor, Chip, 5.11
Ω, 1/10W, ±1% 0603
603
Std
R12, R13
2
Resistor, Chip, 51
Ω, 1/10W, ±1%, 0603
Std
Std
R14
1
Resistor, Chip, 3.32 k
Ω, 1/10W, ±1%, 0603
Std
Std
R15
1
Resistor, Chip, 40 k
Ω, 1/10W, ±1%, 0603
Std
Std
R26, R31
2
Resistor, Chip, 2
Ω, 1/10W, ±1%, 0603
Std
Std
R20, R21, R22, R23,
0
not used
Std
Std
R24, R25,
U1
1
Dual synchronous buck controller, QFN-32
TPS40322RHB
Texas Instruments
Copyright
© 2011, Texas Instruments Incorporated
33


Similar Part No. - TPS40322

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Semtech Corporation
Semtech Corporation
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com