Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40322 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 25Page - Texas Instruments TPS40322 Datasheet HTML 26Page - Texas Instruments TPS40322 Datasheet HTML 27Page - Texas Instruments TPS40322 Datasheet HTML 28Page - Texas Instruments TPS40322 Datasheet HTML 29Page - Texas Instruments TPS40322 Datasheet HTML 30Page - Texas Instruments TPS40322 Datasheet HTML 31Page - Texas Instruments TPS40322 Datasheet HTML 32Page - Texas Instruments TPS40322 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
TPS40322
www.ti.com
SLUSAF8
– JUNE 2011
Table 4. Design Example 1, Dual-Output List of Materials
REFERENCE
QTY
DESCRIPTION
PART NUMBER
MFR
DESIGNATOR
Capacitor, Aluminum, 100
µF, 35 V, ±20%, 0.328 x
C1
1
EEV-FK1V101GP
Panasonic - ECG
0.328 inch
C2, C7, C20, C26,
5
Capacitor, Ceramic, 0.1
µF, 50 V, X7R, ±10%, 0603
Std
Std
C39
C3, C35
2
Capacitor, Ceramic, 0.1
µF, 25 V, X5R, ±10%, 0402
Std
Std
C4, C36
2
Capacitor, Ceramic, 1.0
µF, 25 V, X7R, ±10%, 0603
Std
Std
C5, C6, C37, C38
4
Capacitor, Ceramic, 10
µF, 25 V, X5R, ±10%, 0805
Std
Std
C8, C25
2
Capacitor, Ceramic, 33 nF, 16 V, X7R,
±10%, 0603
Std
Std
Capacitor, Ceramic, 470 pF, 25 V, C0G, NP0,
±5%,
C9, C19, C22, C34
4
Std
Std
0603
C10, C27
2
Capacitor, Ceramic, 1.0
µF, 6.3 V, X5R, ±10%, 0402
Std
Std
C11, C12, C18, C28,
5
Capacitor, Ceramic, 3.3
µF, 10 V, X5R, ±10%, 0603
C1608X5R1A335K
TDK Corporation
C29
C13, C14, C30, C31
4
Capacitor, Ceramic, 10
µF, 6.3 V, X7R, ±10%, 0805
Std
Std
Capacitor, Polymer Aluminum, 220
µF, 4 V, ±20%, 5m
C15, C16, C32, C33
4
EEF-SE0G221ER
Panasonic - ECG
ESR
Capacitor, Ceramic, 220 pF, 50 V, C0G, NP0,
±5%,
C17, C23
2
Std
Std
0603
C21, C24
2
Capacitor, Ceramic, 10 pF, 50 V, C0G, NP0,
±5%, 0603
Std
Std
C40
1
Capacitor, Ceramic, 1.0 nF, 25 V, C0G, NP0,
±5%, 0603
Std
Std
Inductor, Power Choke, 1.1
µH, ±20%, 3.15mΩ, 7.0 x
L1, L2
2
744314110
Wurth Elektronik
6.9 mm
MOSFET, Synchronous Buck NexFET Power Block,
Q1, Q2
2
CSD86330Q3D
Texas Instruments
QFN-8 POWER
R1
1
Resistor, Chip, 68.1 k
Ω, 1/10W, ±1%, 0603
Std
Std
R2, R21
2
Resistor, Chip, 86.6 k
Ω, 1/10W, ±1%, 0603
Std
Std
R3
1
Resistor, Chip, 12.7 k
Ω, 1/10W, ±1%, 0603
Std
Std
R4, R5, R22
3
Resistor, Chip, 1.00
Ω, 1/10W, ±1%, 0603
Std
Std
R6
1
Resistor, Chip, 40.2 k
Ω, 1/10W, ±1%, 0603
Std
Std
R7, R24
2
Resistor, Chip, 49.9
Ω, 1/10W, ±1%, 0603
Std
Std
R8, R17
2
Resistor, Chip, 5.11
Ω, 1/8W, ±1%, 0805
Std
Std
R9, R16
2
Resistor, Chip, 0
Ω, 1/10W, ±1%, 0603
Std
Std
R10, R14, R19, R27
4
Resistor, Chip, 20.0 k
Ω, 1/10W, ±1%, 0603
Std
Std
R11, R18
2
Resistor, Chip, 82.5 k
Ω, 1/10W, ±1%, 0603
Std
Std
R12, R23
2
Resistor, Chip, 1.62 k
Ω, 1/10W, ±1%, 0603
Std
Std
R13
1
Resistor, Chip, 3.09 k
Ω, 1/10W, ±1%, 0603
Std
Std
R15
1
Resistor, Chip, 29.4 k
Ω, 1/10W, ±1%, 0603
Std
Std
R20, R30
2
Resistor, Chip, 5.11
Ω, 1/10W, ±1%, 0603
Std
Std
R25
1
Resistor, Chip, 10.0 k
Ω, 1/10W, ±1%, 0603
Std
Std
R26
1
Resistor, Chip, 3.24 k
Ω, 1/10W, ±1%, 0603
Std
Std
R28, R29
2
Resistor, Chip, 100 k
Ω, 1/10W, ±1%, 0603
Std
Std
IC, TPS40322 Dual Synchronous Buck Controller,
U1
1
TPS40322RHB
Texas Instruments
QFN-32
Copyright
© 2011, Texas Instruments Incorporated
29


Similar Part No. - TPS40322

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Semtech Corporation
Semtech Corporation
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz