Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR301 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # FR301
Description  3.0 A, Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR301 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  FR301_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR301_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
FR301 ~ FR307
VOLTAGE 50 ~ 1000 V
3.0 A, Fast Recovery Rectifiers
01-April-2009 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES (FR301 THRU FR307)
0.1
1.0
.01
10
50
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
140
120
100
80
60
40
20
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
0
100
150
200
250
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
0
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD


Similar Part No. - FR301_09

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
logo
Won-Top Electronics
FR301 WTE-FR301_06 Datasheet
55Kb / 4P
   3.0A FAST RECOVERY DIODE
More results

Similar Description - FR301_09

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301_15 Datasheet
166Kb / 2P
   3.0 A, Fast Recovery Rectifiers
1N5400G SECOS-1N5400G Datasheet
411Kb / 2P
   3.0 A Glass Passivated Fast Recovery Rectifiers
FR301G SECOS-FR301G_15 Datasheet
167Kb / 2P
   3.0 A, Glass Passivated Fast Recovery Rectifiers
FR301G SECOS-FR301G Datasheet
167Kb / 2P
   3.0 A, Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BY396 TSC-BY396_06 Datasheet
209Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_10 Datasheet
546Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR301 TSC-FR301 Datasheet
68Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_1 Datasheet
244Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
MR850 TSC-MR850 Datasheet
69Kb / 2P
   3.0 AMPS. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com