Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR104G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # FR104G
Description  1.0 A, Glass Passivated Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR104G Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  FR104G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR104G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
FR101G ~ FR107G
VOLTAGE 50 ~ 1000 V
1.0 A, Glass Passivated Fast Rectifiers
01-June-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES (FR101G THRU FR107G)
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
(+)
(+)
25Vdc
(approx.)
( )
(
)
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 100ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
1.6 1.8
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
11
0
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.2-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
AMB IE NT TEMP E R ATUR E ( C
)
0
0
25
50
75
100
125
150
175
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
30
25
20
15
10
5
0
.01
.05
.1
.5
1
5
10
50
100


Similar Part No. - FR104G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR104G RECTRON-FR104G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Microdiode Electronics ...
FR104G CHENDA-FR104G Datasheet
533Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
FR104G TSC-FR104G Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
RFE international
FR104G RFE-FR104G Datasheet
2Mb / 3P
   Fast Recovery Rectifiers FR101G Through FR107G
22-09-2022
logo
Taiwan Semiconductor Co...
FR104G TSC-FR104G Datasheet
542Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR104G

ManufacturerPart #DatasheetDescription
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
SF11G JGD-SF11G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Formosa MS
1N4942G FORMOSA-1N4942G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Fairchild Semiconductor
RGP10A FAIRCHILD-RGP10A Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_1 Datasheet
258Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
UNIOHM CORPORATION
FR101G UNIOHM-FR101G Datasheet
66Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N4933G UNIOHM-1N4933G Datasheet
73Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
RS1A DGNJDZ-RS1A Datasheet
132Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
SFA11G JGD-SFA11G Datasheet
167Kb / 2P
   1.0 AMP. GLASS PASSIVATED SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com