Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S015A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S015A
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S015A Datasheet(HTML) 2 Page - Texas Instruments

  TPD12S015A Datasheet HTML 1Page - Texas Instruments TPD12S015A Datasheet HTML 2Page - Texas Instruments TPD12S015A Datasheet HTML 3Page - Texas Instruments TPD12S015A Datasheet HTML 4Page - Texas Instruments TPD12S015A Datasheet HTML 5Page - Texas Instruments TPD12S015A Datasheet HTML 6Page - Texas Instruments TPD12S015A Datasheet HTML 7Page - Texas Instruments TPD12S015A Datasheet HTML 8Page - Texas Instruments TPD12S015A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPD12S015A
SLLSE74A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TPD12S015A is an integrated HDMI companion chip solution. This device offers 8 low capacitance ESD
clamps allowing HDMI 1.4 data rates. The 0.4-mm pitch WCSP package pin mapping matches the HDMI Type D
or Type C connectors. The integrated ESD clamps in monolithic silicon technology provide good matching
between each differential signal pair. This provides an advantage over discrete ESD clamp solutions where
variations between ESD clamps degrade the differential signal quality.
The TPD12S015A provides a regulated 5V output (5VOUT) for sourcing the HDMI power line. The 5VOUT pin
supplies minimum 55mA to the HDMI receiver while meeting the HDMI 5VOUT specifications. The 5VOUT and
the hot plug detect (HPD) circuitry are independent of the LS_OE control signal; they are controlled by the
CT_CP_HPD pin. This independent control enables the detection scheme (5VOUT + HPD) to be active before
enabling the HDMI link. The HPD_B port has a glitch filter to avoid false detection due to the bouncing while
inserting the HDMI plug.
There are three non-inverting bi-directional translation circuits for the SDA, SCL, and CEC lines; they are
controlled by the LS_OE control signal. Each have a common power rail (VCCA) on the A side from 1.1V to
3.6V. On the B side, the SCL_B and SDA_B each have an internal 1.75k
Ω pull-up connected to the regulated 5V
rail (5VOUT). The SCL and SDA pins meet the I2C specifications, and drive at least 750pF loads which exceeds
the HDMI cable specification. An LDO generates a 3.3V internal rail for the CEC line operation when LS_OE = H
& CT_CP_HPD = H. The CEC_B pin has a 26kΩ pull-up to this internal 3.3V rail.
The TPD12S015A provides IEC61000-4-2 (Level 4) ESD protection. This device is offered in a space saving
1.6mm
× 2.8mm WCSP package.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
WCSP
– YFF
Tape and reel
TPD12S015AYFFR
PN015A
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPD12S015A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Similar Description - TPD12S015A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com