Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117LV18DCYR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117LV18DCYR
Description  1-A, Positive Fixed Voltage, Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117LV18DCYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1117LV18DCYR Datasheet HTML 5Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 6Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 7Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 8Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 9Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 10Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 11Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 12Page - Texas Instruments TLV1117LV18DCYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
200
s/div
m
V
IN
V
OUT
3.3 V
5.5 V
200
s/div
m
V
IN
V
OUT
3.3 V
5.5 V
TLV1117LV Series
www.ti.com
SBVS160
– MAY 2011
TYPICAL CHARACTERISTICS (continued)
At VIN = VOUT(TYP) + 1.5 V; IOUT = 10 mA, COUT = 1.0 μF, and TA = +25°C, unless otherwise noted.
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
VOUT = 1.8 V, IOUT = 500 mA
VOUT = 1.8 V, IOUT = 1 A
Figure 27.
Figure 28.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TLV1117LV18DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117LV18DCYR TI1-TLV1117LV18DCYR Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV18DCYR TI-TLV1117LV18DCYR Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
More results

Similar Description - TLV1117LV18DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com