Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2322SAIDGST Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2322SAIDGST
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2322SAIDGST Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2322SAIDGST Datasheet HTML 6Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 7Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 8Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 9Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 10Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 11Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 12Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 13Page - Texas Instruments OPA2322SAIDGST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0.1
0.01
0.001
0.0001
10
100k
Frequency(Hz)
100
1k
Frequency=10kHz
V
=4V
V = 2.5V
G=+1V/V
IN
PP
S
±
10k
Load=10kW
Load=600 W
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
1k
100M
Frequency(Hz)
10k
100k
1M
10M
V = 2.75V
±
S
12
11.5
11
10.5
10
9.5
9
1.6
5.6
SupplyVoltage(V)
2
2.8
3.2
2.4
3.6
4
4.4
4.8
5.2
Rise
Fall
C =50pF
L
0.1
0.075
0.05
0.025
0
0.025
0.05
0.075
0.1
-
-
-
-
-0.8
1.6
Time( s)
m
-0.4
0
0.4
0.8
Gain=+1
V = 2.75V
V
=100mV
S
IN
PP
±
1.2
V
OUT
V
IN
0.1
0.075
0.05
0.025
0
0.025
0.05
0.075
0.1
-
-
-
-
-1.6
0.8
Time( s)
m
-1.2
-0.8
-0.4
0
0.4
V
OUT
V
IN
Gain= 1
V = 2.75V
V
=100mV
-
±
S
IN
PP
1.5
1
0.5
0
0.5
1
1.5
-
-
-
-0.4
1.6
Time( s)
m
0
0.4
0.8
1.2
V
OUT
V
IN
Gain=+1
V = 2.75V
V
=2V
S
IN
PP
±
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538A
– JANUARY 2011 – REVISED MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
THD+N vs FREQUENCY
CHANNEL SEPARATION vs FREQUENCY (for Dual)
Figure 19.
Figure 20.
SLEW RATE vs SUPPLY VOLTAGE
SMALL-SIGNAL STEP RESPONSE
Figure 21.
Figure 22.
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE vs TIME
Figure 23.
Figure 24.
10
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - OPA2322SAIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2322SAIDGST TI1-OPA2322SAIDGST Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA2322SAIDGST TI1-OPA2322SAIDGST Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA2322SAIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com