Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP130 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP130
Description  DisplayPort1:1 Re-Driver with Link Training
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP130 Datasheet(HTML) 4 Page - Texas Instruments

  SN75DP130 Datasheet HTML 1Page - Texas Instruments SN75DP130 Datasheet HTML 2Page - Texas Instruments SN75DP130 Datasheet HTML 3Page - Texas Instruments SN75DP130 Datasheet HTML 4Page - Texas Instruments SN75DP130 Datasheet HTML 5Page - Texas Instruments SN75DP130 Datasheet HTML 6Page - Texas Instruments SN75DP130 Datasheet HTML 7Page - Texas Instruments SN75DP130 Datasheet HTML 8Page - Texas Instruments SN75DP130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SN75DP130SS
(TOP VIEW)
NC
NC
IN0p
IN0n
IN1p
IN1n
IN2p
IN2n
NC
IN3p
IN3n
38
39
40
41
42
37
44
45
46
47
48
NC
43
OUT2n
OUT0p
OUT3n
OUT1p
OUT3p
OUT1n
OUT2p
NC
OUT0n
NC
GND
23
22
21
20
19
24
17
16
15
14
13
GND
18
4
5
8
6
7
9
10
11
35
34
33
32
31
30
28
27
29
2
3
1
12
26
25
36
SN75DP130DS
(TOP VIEW)
NC
VDDD
IN0p
IN0n
IN1p
IN1n
IN2p
IN2n
NC
IN3p
IN3n
38
39
40
41
42
37
44
45
46
47
48
VDDD
43
OUT2n
OUT0p
OUT3n
OUT1p
OUT3p
OUT1n
OUT2p
VDDD
OUT0n
VDDD
GND
23
22
21
20
19
24
17
16
15
14
13
GND
18
4
5
8
6
7
9
10
11
35
34
33
32
31
30
28
27
29
2
3
1
12
26
25
36
SN75DP130
SLLSE57
– APRIL 2011
www.ti.com
TERMINAL ASSIGNMENTS
Figure 3. SN75DP130SS Single Supply
Figure 4. SN75DP130DS Dual Supply
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): SN75DP130


Similar Part No. - SN75DP130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI1-SN75DP139 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZR TI-SN75DP139RGZR Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139RGZR TI1-SN75DP139RGZR Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZT TI-SN75DP139RGZT Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
More results

Similar Description - SN75DP130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Kinetic Technologies.
MCDP6150 KINETIC-MCDP6150 Datasheet
220Kb / 5P
   DisplayPort 1.4a Link Training Tunable PHY Retimer
June 2021 - Revision 03g
logo
Pericom Semiconductor C...
PI2EQX3431 PERICOM-PI2EQX3431 Datasheet
440Kb / 5P
   3.2Gbps, 1-port, SATA2/SAS Re-Driver
logo
Texas Instruments
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
[Old version datasheet]   4-Channel Video Re-Driver with Equalization
logo
California Eastern Labs
THCX222R05 CEL-THCX222R05 Datasheet
288Kb / 11P
   High Performance Re-driver with Linear Equalization
THCX222R10 CEL-THCX222R10 Datasheet
197Kb / 12P
   High Performance Re-driver with Linear Equalization
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
logo
Rosenberger Hochfrequen...
99M007-000 ROSENBERGER-99M007-000 Datasheet
87Kb / 1P
   Training Kit
logo
Semtech Corporation
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com