Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5101PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5101PW
Description  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5101PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 2Page - Texas Instruments PCM5101PW Datasheet HTML 3Page - Texas Instruments PCM5101PW Datasheet HTML 4Page - Texas Instruments PCM5101PW Datasheet HTML 5Page - Texas Instruments PCM5101PW Datasheet HTML 6Page - Texas Instruments PCM5101PW Datasheet HTML 7Page - Texas Instruments PCM5101PW Datasheet HTML 8Page - Texas Instruments PCM5101PW Datasheet HTML 9Page - Texas Instruments PCM5101PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
PCM5100, PCM5101, PCM5102
SLAS764
– MAY 2011
www.ti.com
DEVICE INFORMATION
TERMINAL FUNCTIONS, PCM510x
PCM510X (top view)
Table 2. TERMINAL FUNCTIONS, PCM510x
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CPVDD
1
-
Charge pump power supply, 3.3V
CAPP
2
O
Charge pump flying capacitor terminal for positive rail
CPGND
3
-
Charge pump ground
CAPM
4
O
Charge pump flying capacitor terminal for negative rail
VNEG
5
O
Negative charge pump rail terminal for decoupling, -3.3V
OUTL
6
O
Analog output from DAC left channel
OUTR
7
O
Analog output from DAC right channel
AVDD
8
-
Analog power supply, 3.3V
AGND
9
-
Analog ground
DEMP
10
I
De-emphasis control for 44.1kHz sampling rate(1): Off (Low) / On (High)
FLT
11
I
Filter select : Normal latency (Low) / Low latency (High)
SCK
12
I
System clock input
BCK
13
I
Audio data bit clock input
DIN
14
I
Audio data input
LRCK
15
I
Audio data word clock input
FMT
16
I
Audio format selection : I2S (Low) / Left justified (High)
XSMT
17
I
Soft mute control : Soft mute (Low) / soft un-mute (High)
LDOO
18
-
Internal logic supply rail terminal for decoupling
DGND
19
-
Digital ground
DVDD
20
-
Digital power supply, 3.3V
(1)
Failsafe LVCMOS Schmitt trigger input
6
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - PCM5101PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5101PW TI1-PCM5101PW Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
PCM5101PWR TI1-PCM5101PWR Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
More results

Similar Description - PCM5101PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com