Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4171AIPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4171AIPW
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4171AIPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4171AIPW Datasheet HTML 6Page - Texas Instruments OPA4171AIPW Datasheet HTML 7Page - Texas Instruments OPA4171AIPW Datasheet HTML 8Page - Texas Instruments OPA4171AIPW Datasheet HTML 9Page - Texas Instruments OPA4171AIPW Datasheet HTML 10Page - Texas Instruments OPA4171AIPW Datasheet HTML 11Page - Texas Instruments OPA4171AIPW Datasheet HTML 12Page - Texas Instruments OPA4171AIPW Datasheet HTML 13Page - Texas Instruments OPA4171AIPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
180
135
90
45
0
45
-
1
10
100
1k
10k
10M
Frequency(Hz)
1M
100k
Phase
Gain
180
135
90
45
0
-
45
25
20
15
10
5
0
5
10
15
20
-
-
-
-
10k
100M
Frequency(Hz)
1M
100k
10M
G=10
G=1
G= 1
-
3
2.5
2
1.5
1
0.5
0
-
75
150
Temperature( C)
°
-
25
-
50
0
5TypicalUnitsShown
125
100
75
50
25
V =2.7V
S
V =4V
S
V =36V
S
1M
100k
10k
1k
100
10
1
1m
1
10
100
1k
10k
10M
Frequency(Hz)
100k
1M
50
45
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
CapacitiveLoad(pF)
+18V
-18V
R
OUT
C
L
OPA171
R
L
G=+1
R
=0W
OUT
R
=25W
OUT
R
=50W
OUT
R =10kW
L
50
45
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
CapacitiveLoad(pF)
OPA171
R =
I
10kW
R
OUT
C
L
R
F =10kW
+18V
-18V
G= 1
-
R
=0W
OUT
R
=25W
OUT
R
=50W
OUT
OPA171
OPA2171
OPA4171
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted.
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
CLOSED-LOOP GAIN vs FREQUENCY
Figure 19.
Figure 20.
OPEN-LOOP GAIN vs TEMPERATURE
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Figure 21.
Figure 22.
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
(100mV Output Step)
(100mV Output Step)
Figure 23.
Figure 24.
10
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - OPA4171AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4171AIPW TI1-OPA4171AIPW Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA4171AIPW TI1-OPA4171AIPW Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA4171AIPW TI1-OPA4171AIPW Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA4171AIPWR TI1-OPA4171AIPWR Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA4171AIPWR TI1-OPA4171AIPWR Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results

Similar Description - OPA4171AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com