Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2171AIDCUT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2171AIDCUT
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2171AIDCUT Datasheet(HTML) 4 Page - Texas Instruments

  OPA2171AIDCUT Datasheet HTML 1Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 2Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 3Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 4Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 5Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 6Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 7Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 8Page - Texas Instruments OPA2171AIDCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
OPA171
OPA2171
OPA4171
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
www.ti.com
THERMAL INFORMATION: OPA171
OPA171
THERMAL METRIC(1)
D (SO)
DBV (SOT23)
DRL (SOT553)
UNITS
8 PINS
5 PINS
5 PINS
θJA
Junction-to-ambient thermal resistance
149.5
245.8
208.1
θJC(top)
Junction-to-case(top) thermal resistance
97.9
133.9
0.1
θJB
Junction-to-board thermal resistance
87.7
83.6
42.4
°C/W
ψJT
Junction-to-top characterization parameter
35.5
18.2
0.5
ψJB
Junction-to-board characterization parameter
89.5
83.1
42.2
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION: OPA2171
OPA2171
THERMAL METRIC(1)
D (SO)
DCU (VSSOP)
DGK (MSOP)
UNITS
8 PINS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
134.3
175.2
195.3
θJC(top)
Junction-to-case(top) thermal resistance
72.1
74.9
59.4
θJB
Junction-to-board thermal resistance
60.6
22.2
115.1
°C/W
ψJT
Junction-to-top characterization parameter
18.2
1.6
4.7
ψJB
Junction-to-board characterization parameter
53.8
22.8
114.4
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION: OPA4171
OPA4171
THERMAL METRIC(1)
D (SO)
PW (TSSOP)
UNITS
14 PINS
14 PINS
θJA
Junction-to-ambient thermal resistance
93.2
106.9
θJC(top)
Junction-to-case(top) thermal resistance
51.8
24.4
θJB
Junction-to-board thermal resistance
49.4
59.3
°C/W
ψJT
Junction-to-top characterization parameter
13.5
0.6
ψJB
Junction-to-board characterization parameter
42.2
54.3
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - OPA2171AIDCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171AIDCUT TI1-OPA2171AIDCUT Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171AIDCUT TI1-OPA2171AIDCUT Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171AIDCUT TI1-OPA2171AIDCUT Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2171AIDCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com