Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1602AIDGK Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1602AIDGK
Description  High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1602AIDGK Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA1602AIDGK Datasheet HTML 6Page - Texas Instruments OPA1602AIDGK Datasheet HTML 7Page - Texas Instruments OPA1602AIDGK Datasheet HTML 8Page - Texas Instruments OPA1602AIDGK Datasheet HTML 9Page - Texas Instruments OPA1602AIDGK Datasheet HTML 10Page - Texas Instruments OPA1602AIDGK Datasheet HTML 11Page - Texas Instruments OPA1602AIDGK Datasheet HTML 12Page - Texas Instruments OPA1602AIDGK Datasheet HTML 13Page - Texas Instruments OPA1602AIDGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IN-
Pre-OutputDriver
OUT
V-
V+
IN+
OPA1602
OPA1604
SBOS474A
– APRIL 2011 – REVISED JUNE 2011
www.ti.com
APPLICATION INFORMATION
applications
do
not
require
equal
positive
and
The OPA1602 and OPA1604 are unity-gain stable,
negative output voltage swing. With the OPA160x
precision dual and quad op amps with very low noise.
series, power-supply voltages do not need to be
Applications with noisy or high-impedance power
equal. For example, the positive supply could be set
supplies require decoupling capacitors close to the
to +25V with the negative supply at
–5V.
device pins. In most cases, 0.1
μF capacitors are
adequate. Figure 31 shows a simplified schematic of
In all cases, the common-mode voltage must be
the OPA160x (one channel shown).
maintained within the specified range. In addition, key
parameters
are
assured
over
the
specified
temperature
range
of
TA = –40°C to +85°C.
OPERATING VOLTAGE
Parameters that vary significantly with operating
The OPA160x series op amps operate from
±2.25V
voltage or temperature are shown in the Typical
to
±18V
supplies
while
maintaining
excellent
Characteristics.
performance. The OPA160x series can operate with
as little as +4.5V between the supplies and with up to
+36V
between
the
supplies.
However,
some
Figure 31. OPA160x Simplified Schematic
10
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA1602 OPA1604


Similar Part No. - OPA1602AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602AIDGK TI1-OPA1602AIDGK Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1602AIDGKR TI1-OPA1602AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
More results

Similar Description - OPA1602AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com