Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H20B1RFPS Datasheet(PDF) 11 Page - Texas Instruments

Part # F28M35H20B1RFPS
Description  Concerto Microcontrollers Embedded Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H20B1RFPS Datasheet(HTML) 11 Page - Texas Instruments

Back Button F28M35H20B1RFPS Datasheet HTML 7Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 8Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 9Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 10Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 11Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 12Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 13Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 14Page - Texas Instruments F28M35H20B1RFPS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742
– JUNE 2011
Table 3-1. Terminal Functions(1) (continued)
TERMINAL
I/O/Z
DESCRIPTION
RFP
NAME
PIN #
PA3_GPIO3
8
I/O/Z
General-purpose input/output 3
M3_SSI0FSS
I/O
SSI-0 frame
M3_MIITXD1
O
EMAC MII transmit data bit 1
M3_U1DCD
I
UART-1 data carrier detect
M3_SSI1CLK
I/O
SSI-1 clock
C28_EPWM2B
O
Enhanced PWM-2 output B
C28_ECAP5
I/O
Enhanced Capture-5 input/output
PA4_GPIO4
9
I/O/Z
General-purpose input/output 4
M3_SSI0RX
I/O
SSI-0 clock
M3_MIITXD0
O
EMAC MII transmit data bit 0
M3_CAN0RX
I
CAN-0 receive data
M3_U1DSR
I
UART-1 data set ready
C28_EPWM3A
O
Enhanced PWM-3 output A
PA5_GPIO5
12
I/O/Z
General-purpose input/output 5
M3_SSI0TX
O
SSI-0 transmit data
M3_MIIRXDV
I
EMAC MII receive data valid
M3_CAN0TX
O
CAN-0 transmit data
M3_U1RTS
O
UART-1 request-to-send
C28_EPWM3B
O
Enhanced PWM-3 output B
C28_MFSRA
I
McBSP-A receive frame sync
C28_ECAP1
I/O
Enhanced Capture-1 input/output
PA6_GPIO6
13
I/O/Z
General-purpose input/output 6
M3_I2C1SCL
I/OD
I2C-1 clock open-drain bidirectional port
M3_CCP1
I/O
Capture/Compare/PWM-1 (General-purpose Timer)
M3_MIIRXCK
I
EMAC MII receive clock
M3_CAN0RX
I
CAN-0 receive data
M3_USB0EPEN
O
USB-0 external power enable (optionally used in the host mode)
M3_U1CTS
I
UART-1 clear-to-send modem status
M3_U1DTR
O
UART-1 data terminal ready
C28_EPWM4A
O
Enhanced PWM-4 output A
C28_EPWMSYNCO
O
Enhanced PWM-4 external sync pulse
PA7_GPIO7
14
I/O/Z
General-purpose input/output 7
M3_I2C1SDA
I/OD
I2C-1 data open-drain bidirectional port
M3_CCP4
I/O
Capture/Compare/PWM-4 (General-purpose Timer)
M3_MIIRXER
I
EMAC MII receive error
M3_CAN0TX
O
CAN-0 transmit data
M3_CCP3
I/O
Capture/Compare/PWM-3 (General-purpose Timer)
M3_USB0PFLT
I
USB-0 external power error state (optionally used in the host mode)
M3_U1DCD
I
UART-1 data carrier detect
M3_MII_RXD1
I
EMAC MII receive data 1
M3_U1RI
I
UART-1 ring indicator status
C28_EPWM4B
O
Enhanced PWM-4 output B
C28_MCLKRA
I
McBSP-A receive clock
C28_ECAP2
I/O
Enhanced Capture-1 input/output
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
11
Submit Documentation Feedback


Similar Part No. - F28M35H20B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1RFPS TI1-F28M35H20B1RFPS Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1RFPS TI1-F28M35H20B1RFPS Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - F28M35H20B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
logo
STMicroelectronics
PM0075 STMICROELECTRONICS-PM0075 Datasheet
302Kb / 31P
   STM32F10xxx Flash memory microcontrollers
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com