Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSD97370Q5M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. CSD97370Q5M
Description  Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CSD97370Q5M Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD97370Q5M Datasheet HTML 5Page - Texas Instruments CSD97370Q5M Datasheet HTML 6Page - Texas Instruments CSD97370Q5M Datasheet HTML 7Page - Texas Instruments CSD97370Q5M Datasheet HTML 8Page - Texas Instruments CSD97370Q5M Datasheet HTML 9Page - Texas Instruments CSD97370Q5M Datasheet HTML 10Page - Texas Instruments CSD97370Q5M Datasheet HTML 11Page - Texas Instruments CSD97370Q5M Datasheet HTML 12Page - Texas Instruments CSD97370Q5M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
200
400
600
800 1000 1200 1400 1600 1800 2000 2200
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.4
−8.5
−5.7
−2.8
0.0
2.8
5.7
8.5
11.4
14.2
17.1
Switching Frequency (kHz)
3
5
7
9
11
13
15
17
19
21
23
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.3
−8.5
−5.7
−2.8
0.0
2.8
5.7
8.5
11.3
14.2
17.0
Input Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−5.7
−2.8
0
2.8
5.7
8.5
11.4
14.2
17
19.9
22.7
Output Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−11.3
−8.5
−5.7
−2.8
0
2.8
5.7
8.5
11.3
14.2
17
Output Inductance (µH)
Switching Frequency (kHz)
200
400
600
800
1000 1200 1400 1600 1800 2000
10
15
20
25
30
35
40
45
50
55
60
65
70
G030
Junction Temperature ( °C)
-50
-25
0
25
50
75
100
125
150
10
11
12
13
14
15
16
17
18
19
20
G031
CSD97370Q5M
www.ti.com
SLPS314A
– JUNE 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS
Test conditions: VIN = 12V, VDD = 5V, fSW= 500kHz, VOUT = 1.2V, LOUT = 0.3μH, DCR = 0.54mΩ, TJ = 125°C
spacer
Figure 12. Normalized Power Loss vs Frequency
Figure 13. Normalized Power Loss vs Input Voltage
Figure 14. Normalized Power Loss vs Output Voltage
Figure 15. Normalized Power Loss vs Output Inductance
Figure 16. Driver Current vs Frequency
Figure 17. Driver Current vs Temperature
Copyright
© 2011, Texas Instruments Incorporated
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn