Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CSD97370Q5M Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. CSD97370Q5M
Description  Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CSD97370Q5M Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
Output Current (A)
Max
Typ
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
−50
−25
0
25
50
75
100
125
150
TC − Junction Temperature − ºC
Ambient Temperature ( °C)
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
50
5
15
25
35
45
G003
400LFM
200LFM
100LFM
Nat Conv
Ambient Temperature ( °C)
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
50
5
15
25
35
45
G004
400LFM
200LFM
100LFM
Nat Conv
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
Board Temperature (ºC)
Typ SOA
Min SOA
CSD97370Q5M
SLPS314A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS
Test conditions: VIN = 12V, VDD = 5V, fSW= 500kHz, VOUT = 1.2V, LOUT = 0.3μH, DCR = 0.54mΩ, TJ = 125°C
spacer
Figure 7. Power Loss vs Output Current
Figure 8. Power Loss vs Temperature
Figure 9. Safe Operating Area
– PCB Vertical Mount (1)
Figure 10. Safe Operating Area
– PCB Horizontal Mount (1)
Figure 11. Typical and Min Safe Operating Area (1)
1. The Typical CSD97370Q5M System Characteristic curves are based on measurements made on a PCB design with
dimensions of 4.0
" (W) x 3.5" (L) x 0.062" (T) and 6 copper layers of 1 oz. copper thickness. See the Application section
for detailed explanation.
8
Copyright
© 2011, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn