Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CSD97370Q5M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. CSD97370Q5M
Description  Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CSD97370Q5M Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
V
SW
ENABLE
t
PDH
t
PDL
10%
90%
90%
10%
T0488-01
PWM
T0489-01
V
SW
t
PDLH
t
PDHL
t
+t
3HT
3SD
t
3RD
t
3RD
V
PWMH
V
PWML
PWM3-StateWindow
V
OUT
V
OUT
t
+
3HT
t
3SD
CSD97370Q5M
www.ti.com
SLPS314A
– JUNE 2011 – REVISED JUNE 2011
Figure 5. CSD97370Q5M ENABLE Timing Diagram (VDD = PWM = 5V)
spacer
spacer
spacer
spacer
spacer
spacer
Figure 6. CSD97370Q5M PWM Timing Diagram
Copyright
© 2011, Texas Instruments Incorporated
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn