Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2571RHAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2571RHAR
Description  1- and 8-Channel ANT??RF Network Processors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2571RHAR Datasheet(HTML) 3 Page - Texas Instruments

  CC2571RHAR Datasheet HTML 1Page - Texas Instruments CC2571RHAR Datasheet HTML 2Page - Texas Instruments CC2571RHAR Datasheet HTML 3Page - Texas Instruments CC2571RHAR Datasheet HTML 4Page - Texas Instruments CC2571RHAR Datasheet HTML 5Page - Texas Instruments CC2571RHAR Datasheet HTML 6Page - Texas Instruments CC2571RHAR Datasheet HTML 7Page - Texas Instruments CC2571RHAR Datasheet HTML 8Page - Texas Instruments CC2571RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
RF RECEIVE SECTION
1 Mbps, GFSK, 160-kHz deviation. Measured on Texas Instruments CC2570/71 reference design with TA = 25°C, VDD = 3 V,
and fC = 2440 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver sensitivity
0.1% BER
–86
dBm
Saturation
10
dBm
Co-channel rejection
–9
dB
Adjacent-channel rejection
±2 MHz
23
dB
Alternate-channel rejection
±4 MHz
39
dB
Frequency error tolerance(1)
Including both initial tolerance and
–150
150
kHz
drift
Symbol rate error tolerance(2)
–50
50
ppm
Spurious emission. Only largest
Conducted measurement with a
–70
dBm
spurious emission stated within each
50-
Ω single-ended load. Complies
band.
with EN 300 328, EN 300 440 class
2, FCC CFR47, Part 15 and ARIB
STD-T-66.
(1)
Difference between center frequency of the received RF signal and local oscillator frequency
(2)
Difference between incoming symbol rate and the internally generated symbol rate
RF TRANSMIT SECTION
Measured on CC2570/71 reference design with TA = 25°C, VDD = 3 V, and fC = 2440 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output power, maximum setting
Delivered to a single-ended 50-
Ω
4
dBm
load through a balun using
maximum recommended output
power setting.
Output power, minimum setting
Delivered to a single-ended 50-
Ω
–21
dBm
load through a balun using
minimum recommended output
power setting.
Programmable output power range
Delivered to a single-ended 50-
Ω
25
dB
load through a balun. Conducted
measurement with a 50-
Ω
single-ended load.
Spurious emissions, conducted
Complies with EN 300 328, EN 300
–45
dBm
440 class 2, FCC CFR47, Part 15
and ARIB STD-T-66. (1)
(1)
Designs with antenna connectors that require conducted ETSI compliance at 64 MHz should insert an LC resonator in front of the
antenna connector. Use a 1.6-nH inductor in parallel with a 1.8-pF capacitor. Connect both from the signal trace to a good RF ground.
ANT OVERVIEW
ANT is a proven ultralow-power wireless protocol operating in the license-free 2.4-GHz ISM band. It has been
specifically designed to target battery operated devices that require years of battery life (often on a single coin
cell) without sacrificing the robust features expected of a mature wireless protocol. These features include
sophisticated co-existence mechanisms, practical topologies that go beyond simple peer-to-peer or star, easy
proximity-based pairing methods, and the seamless transfer of bulk data from one coin-cell-operated device to
another. Combined, these features enable products that are easy to use and quickly adopted by the end user.
ANT is also the fundamental building block of ANT+, which further enhances the user experience by allowing
manufacturers to create interoperable wireless devices based on ANT+ device profiles.
ANT provides for an easy development and integration experience. By fully integrating the lower four layers of
the OSI stack onto a single chip, designers can focus on their applications and not the wireless protocol. This
enables quick development cycles, fast time to market, and lower BOM costs.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CC2570 CC2571


Similar Part No. - CC2571RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2571 TI-CC2571 Datasheet
766Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
More results

Similar Description - CC2571RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2570 TI-CC2570 Datasheet
766Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
logo
Intel Corporation
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
List of Unclassifed Man...
NRF24AP2 ETC1-NRF24AP2 Datasheet
698Kb / 44P
   Single-chip ANT ultra-low power wireless network solution
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
Intel Corporation
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
logo
PHOENIX CONTACT
2867610 PHOENIX-2867610 Datasheet
76Kb / 3P
   RAD-ISM-2400-ANT-PAN- 8-0
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
logo
Intel Corporation
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Zarlink Semiconductor I...
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com