Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDLL5288 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # CDLL5288
Description  CURRENT REGULATOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5288 Datasheet(HTML) 3 Page - Microsemi Corporation

  CDLL5288 Datasheet HTML 1Page - Microsemi Corporation CDLL5288 Datasheet HTML 2Page - Microsemi Corporation CDLL5288 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
LDS-0160 Rev. 1 (100435)
Page 3 of 3
PACKAGE DIMENSIONS
NOTE:
Dimensions
1. Dimensions are in inches.
Ltr
Inches
Millimeters
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. In accordance with ASME Y14.5M, diameters are equivalent to
Φx
BD
.094
.105
2.39
2.67
symbology.
BL
.189
.205
4.80
5.21
ECT
.016
.022
0.41
0.55
S
.001 min
0.03 min
FIGURE 1. Physical dimensions (DO-213AB).
DESIGN DATA
CASE: DO-213AB, Hermetically sealed glass case. (MELF, LL41).
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (RθJEC): 50°C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZθJX): 25°C/W maximum
POLARITY: Diode to be operated with the banded (Cathode) end negative.
MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately +6PPM/°C.
The COE of the Mounting Surface System should be selected to provide A suitable match with this device.
DO-213AB


Similar Part No. - CDLL5288

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL5288 CDI-DIODE-CDLL5288 Datasheet
27Kb / 2P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL5288 MICROSEMI-CDLL5288 Datasheet
38Kb / 2P
   CURRENT REGULATOR DIODES
More results

Similar Description - CDLL5288

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com