Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BW Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847BW
Description  NPN Plastic Encapsulate Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847BW Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  BC847BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC847BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC847BW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC846AW,BW
BC847AW, BW, CW
BC848AW, BW, CW
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
24-Mar-2010 Rev. A
Page 3 of 4
CHARACTERISTIC CURVES


Similar Part No. - BC847BW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847BW NEXPERIA-BC847BW Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847BW PHILIPS-BC847BW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Micro Commercial Compon...
BC847BW MCC-BC847BW Datasheet
794Kb / 5P
   NPN General Purpose Transistors
logo
Taiwan Semiconductor Co...
BC847BW TSC-BC847BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Guangdong Youtai Semico...
BC847BW UMW-BC847BW Datasheet
712Kb / 5P
   For Switching and AF Amplifier Applications
More results

Similar Description - BC847BW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com