Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-16W Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # BC807-16W
Description  PNP Plastic Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC807-16W Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  BC807-16W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC807-16W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC807-16W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BC807 -16W, -25W, -40W
-500 mA, -50 V
PNP Plastic Encapsulate Transistor
Elektronische Bauelemente
28-Jul-2010 Rev. F
Page 3 of 3
CHARACTERISTIC CURVES


Similar Part No. - BC807-16W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807-16W PHILIPS-BC807-16W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Taiwan Semiconductor Co...
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
logo
Siemens Semiconductor G...
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
SUNMATE electronic Co.,...
BC807-16W SUNMATE-BC807-16W Datasheet
612Kb / 3P
   PNP SILICON GENERAL PURPOSE TRANSISTORS
logo
Infineon Technologies A...
BC807-16W INFINEON-BC807-16W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Similar Description - BC807-16W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
   PNP Plastic-Encapsulate Transistor
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
   PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
   PNP Plastic Encapsulate Transistor
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
   PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
   PNP Plastic-Encapsulate Transistor
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401_14 Datasheet
439Kb / 4P
   PNP Plastic Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
   PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com