Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3893A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N3893A
Description  HIGH RELIABILITY FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3893A Datasheet(HTML) 3 Page - Microsemi Corporation

  1N3893A Datasheet HTML 1Page - Microsemi Corporation 1N3893A Datasheet HTML 2Page - Microsemi Corporation 1N3893A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY FAST RECOVERY RECTIFIER
T4-LDS-0143 Rev. 1 (091809)
Page 3 of 3
PACKAGE DIMENSIONS
Physical dimensions of non-isolated types: (DO-4)
1N3890, 1N3890A, 1N3891, 1N3891A, 1N3893, 1N3893A, 1N3890R, 1N3890AR,
1N3891R, 1N3891AR, 1N3893R and 1N3893AR
Dimensions
Inches
Millimeters
Ltr
Min
Max
Min
Max
Notes
CD
0.250
6.35
3
CH
0.405
10.29
CH1
0.020
0.065
0.51
1.65
G
0.060
1.52
HF
0.424
0.437
10.77
11.10
HT
0.075
0.175
1.90
4.44
OAH
0.800
20.32
OM
0.163
0.189
4.14
4.80
SL
0.422
0.453
10.72
11.50
SP
5, 6, 7, 8
T
0.060
1.52
TD
0.424
10.77
NOTES:
1. Dimensions are in inches.
2. Metric equivalents are given for general information only.
3. Angular orientation of this terminal is undefined. Square or radius on
end of terminals is optional.
4. Diameter variations within these limits are permitted.
5. The ANSI thread reference is 0.190-32 UNF-2A
6. Max pitch diameter of plated threads shall be basic pitch diameter
0.169 inch (4.29 mm) reference FED-STD-H28 (Screw Thread
Standards for Federal Services).
7. Units must not be damaged by torque of 15 inch-pounds applied to
0.190-32 UNF-2B nut assembled on thread.
8. Complete threads to extend to within 0.078inch (1.98 mm) of the
seating plane.
9. Terminal-end shape is unrestricted
10. Reversed (anode to stud) units shall be marked with an “R” following
the last digit in the type number.
11. Forward polarity (cathode to stud) marking is shown.


Similar Part No. - 1N3893A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3893A MICROSEMI-1N3893A Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3893A MICROSEMI-1N3893A Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
1N3893A NJSEMI-1N3893A Datasheet
88Kb / 1P
   SILICON POWER RECTIFIER
logo
Microsemi Corporation
1N3893A MICROSEMI-1N3893A Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
1N3893AR MICROSEMI-1N3893AR Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N3893A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6306 MICROSEMI-JANTX1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
A197D ETC2-A197D Datasheet
1Mb / 4P
   High Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
   3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com