Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2387C Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XC2387C
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2387C Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XC2387C Datasheet HTML 7Page - Infineon Technologies AG XC2387C Datasheet HTML 8Page - Infineon Technologies AG XC2387C Datasheet HTML 9Page - Infineon Technologies AG XC2387C Datasheet HTML 10Page - Infineon Technologies AG XC2387C Datasheet HTML 11Page - Infineon Technologies AG XC2387C Datasheet HTML 12Page - Infineon Technologies AG XC2387C Datasheet HTML 13Page - Infineon Technologies AG XC2387C Datasheet HTML 14Page - Infineon Technologies AG XC2387C Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
XC2387C, XC2388C
XC2000 Family Derivatives / High Line
Summary of Features
Data Sheet
11
V1.2, 2010-09
1.3
Definition of Feature Variants
The XC238xC types are offered with several Flash memory sizes. Table 3 describes the
location of the available memory areas for each Flash memory size.
The XC238xC types are offered with different interface options. Table 4 lists the
available channels for each option.
Table 3
Flash Memory Allocation
Total Flash Size
Flash Area A
1)
1) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
Flash Area B
Flash Area C
1,600 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
D8’FFFF
H
n.a.
1,088 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
CF’FFFF
H
D8’0000
H
D8’FFFF
H
832 Kbytes
C0’0000
H
C0’EFFF
H
C1’0000
H
CB’FFFF
H
D8’0000
H
D8’FFFF
H
Table 4
Interface Channel Association
Total Number
Available Channels / Message Objects
16 ADC0 channels
CH0
… CH15
8 ADC1 channels
CH0
… CH7
3 CAN nodes
CAN0, CAN1, CAN2
64 message objects
6 serial channels
U0C0, U0C1, U1C0, U1C1, U2C0, U2C1
8 serial channels
U0C0, U0C1, U1C0, U1C1, U2C0, U2C1, U3C0, U3C1


Similar Part No. - XC2387C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2387C-104FxL INFINEON-XC2387C-104FxL Datasheet
1Mb / 148P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3, 2011-07
XC2387C-136FxL INFINEON-XC2387C-136FxL Datasheet
1Mb / 148P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3, 2011-07
XC2387C-200FxL INFINEON-XC2387C-200FxL Datasheet
1Mb / 148P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3, 2011-07
XC2387C INFINEON-XC2387C_11 Datasheet
1Mb / 148P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3, 2011-07
More results

Similar Description - XC2387C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com