Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N1186R Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N1186R
Description  HIGH RELIABILITY SILICON POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N1186R Datasheet(HTML) 3 Page - Microsemi Corporation

  1N1186R Datasheet HTML 1Page - Microsemi Corporation 1N1186R Datasheet HTML 2Page - Microsemi Corporation 1N1186R Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
T4-LDS-0138 Rev. 1 (091729)
Page 3 of 3
PACKAGE DIMENSIONS
Ltr
Dimensions
Inches
Millimeters
Min
Max
Min
Max
OAH
1.000
25.40
CH
.450
11.43
HT
.115
.200
2.93
5.08
SL
.422
.453
10.72
11.50
HT1
.060
1.53
B
.250
.375
6.35
9.52
CD
.667
16.94
HF
.667
.687
16.95
17.44
J
.156
3.97
φT
.140
.175
3.56
04.44
C
.080
2.03
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Units must not be damaged by torque of 30 inch-pounds applied to
.250-28 UNF-28 nut assembled on thread.
4
Diameter of unthreaded portion .249 inch (6.32 mm) max and .220 inch
(5.59 mm) min.
5
Complete threads to extend to within 2.5 threads of seating plane.
6
Angular orientation of this terminal is undefined.
7
Max pitch diameter of plated threads shall be basic pitch diameter .2268
inch (5.76 mm) reference FEDSTD-H28.
8
A chamfer or undercut on one or both ends of the hex portion is optional;
minimum base diameter at seating plane. .600 inch (15.24 mm).
9
In accordance with ASME Y14.5M, diameters are equivalent to
φx
symbology.
M
.030
0.77
Physical dimensions, (all device types) DO-5


Similar Part No. - 1N1186R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1186R MICROSEMI-1N1186R Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
logo
America Semiconductor, ...
1N1186R AMERICASEMI-1N1186R Datasheet
407Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N1186R GENESIC-1N1186R Datasheet
722Kb / 3P
   Silicon Standard Recovery Diode
1N1186R GENESIC-1N1186R Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
logo
List of Unclassifed Man...
1N1186RA ETC1-1N1186RA Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - 1N1186R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3164 MICROSEMI-1N3164_10 Datasheet
90Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3289 MICROSEMI-1N3289_10 Datasheet
87Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N1124A MICROSEMI-1N1124A_10 Datasheet
64Kb / 3P
   HIGH RELIABILITY POWER RECTIFIER
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
Microsemi Corporation
1N6391 MICROSEMI-1N6391_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N6392 MICROSEMI-1N6392_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
A190N ETC2-A190N Datasheet
538Kb / 6P
   High Power Silicon Rectifier
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com