Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1204 Datasheet(PDF) 1 Page - Seme LAB

Part # D1204
Description  METAL GATE RF SILICON FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1204 Datasheet(HTML) 1 Page - Seme LAB

  D1204 Datasheet HTML 1Page - Seme LAB D1204 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D1204UK
Prelim. 1/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
117W
40V
±20V
15A
–65 to 150°C
200°C
MECHANICAL DATA
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
30W – 12.5V – 500MHz
SINGLE ENDED
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
•LOW Crss
• USEFUL PO AT 1GHz
• LOW NOISE
• HIGH GAIN – 10 dB MINIMUM
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• HF/VHF/UHF COMMUNICATIONS
from 1 MHz to 1 GHz
METAL GATE RF SILICON FET
TetraFET
B
C
A
D
(2 pls)
E
F
G
H
I
J
K
M
N
1
4
3
2
5
DT
PIN 1
SOURCE (COMMON)
PIN 3
SOURCE (COMMON)
PIN 5
DRAIN
PIN 2
GATE
PIN 4
SOURCE (COMMON)
DIM
mm
Tol.
Inches
Tol.
A
6.35 DIA
0.13
0.250 DIA
0.005
B
3.17 DIA
0.13
0.125 DIA
0.005
C
18.41
0.25
0.725
0.010
D
5.46
0.13
0.215
0.005
E
5.21
0.13
0.205
0.005
F
7.62
MAX
0.300
MAX
G
21.59
0.38
0.850
0.015
H
3.94
0.13
0.155
0.005
I
12.70
0.13
0.500
0.005
J
0.13
0.03
0.005
0.001
K
24.76
0.13
0.975
0.005
M
2.59
0.13
0.102
0.005
N
4.06
0.25
0.160
0.010


Similar Part No. - D1204

ManufacturerPart #DatasheetDescription
logo
Rohm
D1200 ROHM-D1200 Datasheet
42Kb / 1P
   MEDIUM POWER TRANSISTOR
logo
Nell Semiconductor Co.,...
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
   Low power dissipation
D1200C NELLSEMI-D1200C Datasheet
227Kb / 5P
   Standard Recovery Diodes
D1200D NELLSEMI-D1200D Datasheet
648Kb / 5P
   Standard Recovery Diodes
D1200D24 NELLSEMI-D1200D24 Datasheet
648Kb / 5P
   Standard Recovery Diodes
More results

Similar Description - D1204

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com