Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4098 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4098
Description  NPN Plastic-Encapsulate Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4098 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4098 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC4098
0.05A , 40V
NPN Plastic-Encapsulate Transistor
Elektronische Bauelemente
10-Mar-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Collector Capacitance.
High Gain.
CLASSIFICATION OF hFE
Product-Rank
2SC4098-N
2SC4098-P
2SC4098-Q
Range
56~120
82~180
120~270
Marking
AN
AP
AQ
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-323
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
200
mW
Thermal Resistance From Junction To Ambient
RθJA
625
°C / W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=50μA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=50μA, IC=0
Collector Cut-Off Current
ICBO
-
-
500
nA
VCB=24V, IE=0
Emitter Cut-off Current
IEBO
-
-
500
nA
VEB=3V, IC=0
DC Current Gain
hFE
56
-
270
VCE=6V, IC=1mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=10mA, IB=1mA
Transition Frequency
fT
150
-
-
MHz
VCE=6V, IC=1mA, f=100MHz
Collector Output Capacitance
Cob
-
-
2.2
pF
VCB=6V, IE=0, f=1MHz
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SC4098

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4098 ROHM-2SC4098 Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC4098 ROHM-2SC4098 Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
logo
Guangdong Kexin Industr...
2SC4098 KEXIN-2SC4098 Datasheet
45Kb / 1P
   High-frequency Amplifier Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4098 HTSEMI-2SC4098 Datasheet
407Kb / 1P
   TRANSISTOR (NPN)
logo
Rohm
2SC4098 ROHM-2SC4098 Datasheet
105Kb / 3P
   High-frequency Amplifier Transistor
More results

Similar Description - 2SC4098

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com