Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1029UK Datasheet(PDF) 1 Page - Seme LAB

Part # D1029UK
Description  METAL GATE RF SILICON FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1029UK Datasheet(HTML) 1 Page - Seme LAB

  D1029UK Datasheet HTML 1Page - Seme LAB D1029UK Datasheet HTML 2Page - Seme LAB D1029UK Datasheet HTML 3Page - Seme LAB D1029UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D1029UK
Prelim.12/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DIM
Millimetres
Tol.
Inches
Tol.
A
19.05
0.50
0.75
0.020
B
10.77
0.13
0.424
0.005
C
45°
45°
D
9.78
0.13
0.385
0.005
E
5.71
0.13
0.225
0.005
F
27.94
0.13
1.100
0.005
G
1.52R
0.13
0.060R
0.005
H
10.16
0.13
0.400
0.005
I
22.22
MAX
0.875
MAX
J
0.13
0.02
0.005
0.001
K
2.72
0.13
0.107
0.005
M
1.70
0.13
0.067
0.005
N
5.08
0.50
0.200
0.020
O
34.03
0.13
1.340
0.005
P
1.57R
0.08
0.062R
0.003
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage *
BVGSS
Gate – Source Breakdown Voltage *
ID(sat)
Drain Current *
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
438W
70V
±20V
35A
–65 to 150°C
200°C
MECHANICAL DATA
M
K
J
I
O
N
A
C
(2 pls)
D
F
E
(4 pls)
B
G
(typ)
P
(2 pls)
1
5
4
3
2
H
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
350W – 28V – 175MHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
•LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM
DR
PIN 1
SOURCE (COMMON)
PIN 2
DRAIN 1
PIN 3
DRAIN 2
PIN 4
GATE 2
PIN 5
GATE 1
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 1 MHz to 200 MHz
METAL GATE RF SILICON FET
TetraFET
* Per Side


Similar Part No. - D1029UK

ManufacturerPart #DatasheetDescription
logo
Sanken electric
D102 SANKEN-D102 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
MicroPower Direct, LLC
D102 MPD-D102 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
American Electronic Com...
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
logo
C&K Components
D102 CK-COMPONENTS-D102 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Seme LAB
D1020 SEME-LAB-D1020 Datasheet
244Kb / 6P
   METAL GATE RF SILICON FET
More results

Similar Description - D1029UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com