Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68LC302 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MC68LC302
Description  Low Power Integrated Multiprotocol Processor Reference Manual
Download  169 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68LC302 Datasheet(HTML) 2 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 169 page
background image
iii
MC68LC302 REFERENCE MANUAL
MOTOROLA
PREFACE
The complete documentation package for the MC68LC302 consists of the MC68LC302RM/
AD,
MC68LC302 Low Power Integrated Multiprotocol Processor Reference Manual,
M68000PM/AD,
MC68000 Family Programmer’s Reference Manual, MC68302UM/AD,
MC68302 Integrated Multiprotocol Processor User’s Manual, and the MC68LC302/D,
MC68LC302 Low Power Integrated Multiprotocol Processor Product Brief.
The
MC68LC302 Low Power Integrated Multiprotocol Processor Reference Manual de-
scribes the programming, capabilities, registers, and operation of the MC68LC302 that differ
from the original MC68302; the
MC68000 Family Programmer’s Reference Manual provides
instruction details for the MC68LC302; and the
MC68LC302 Low Power Integrated Multipro-
tocol Processor Product Brief provides a brief description of the MC68LC302 capabilities.
The
MC68302 Integrated Multiprotocol Processor User’s Manual is required, since the
MC68LC302 Low Power Integrated Multiprotocol Processor Reference Manual only de-
scribes the new features of the MC68LC302.
This user’s manual is organized as follows:
Section 1
Introduction
Section 2
Configuration, Clocking, Low Power Modes, and Internal Memory Map
Section 3
System Integration Block (SIB)
Section 4
Communications Processor (CP)
Section 5
Signal Description
Section 6
Electrical Characteristics
Section 7
Mechanical Data And Ordering Information
ELECTRONIC SUPPORT:
The Technical Support BBS, known as AESOP (Application Engineering Support Through
On-Line Productivity), can be reach by modem or the internet. AESOP provides commonly
asked application questons, latest device errata, device specs, software code, and many
other useful support functions.
Modem: Call 1-800-843-3451 (outside US or Canada 512-891-3650) on a modem that runs
at 14,400 bps or slower. Set your software to N/8/1/F emulating a vt100.
Internet: This access is provided by telneting to pirs.aus.sps.mot.com [129.38.233.1] or
through the World Wide Web at http://pirs.aus.sps.mot.com.
— Sales Offices —
For questions or comments pertaining to technical information, questions, and applications,
please contact one of the following sales offices nearest you.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn