Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68LC302 Datasheet(PDF) 19 Page - Motorola, Inc

Part # MC68LC302
Description  Low Power Integrated Multiprotocol Processor Reference Manual
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68LC302 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MC68LC302 Datasheet HTML 15Page - Motorola, Inc MC68LC302 Datasheet HTML 16Page - Motorola, Inc MC68LC302 Datasheet HTML 17Page - Motorola, Inc MC68LC302 Datasheet HTML 18Page - Motorola, Inc MC68LC302 Datasheet HTML 19Page - Motorola, Inc MC68LC302 Datasheet HTML 20Page - Motorola, Inc MC68LC302 Datasheet HTML 21Page - Motorola, Inc MC68LC302 Datasheet HTML 22Page - Motorola, Inc MC68LC302 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 169 page
background image
Configuration, Clocking, Low Power Modes, and Internal Memory Map
2-6
MC68LC302 REFERENCE MANUAL
MOTOROLA
changed according to the description below. Several control bits are still available but have
new locations.
The low power modes on the MC68302 have changed completely and will be discussed
later in 2.4.4.1 IMP Low Power Modes.
2.4.1.1 CLOCK CONTROL REGISTER. The clock control register address $FA is not
implemented on the MC68LC302. This register location has been reassigned to the IOMCR
and ICKCR registers. The clock control register bits have been reassigned as follows:
CLKO Drive Options (CLKOMOD1–2)
These bits are now in the IMP clock control register (IPLCR) on the MC68LC302, see
2.4.3.4.2 IMP PLL and Clock Control Register (IPLCR).
Three-State TCLK1 (TSTCLK1)
This bit is now in the DISC register on the MC68LC302, see 4.3.2 Disable SCC1 Serial
Clocks Out (DISC).
Three-State RCLK1 (TSRCLK1)
This bit is now in the DISC register on the MC68LC302, see 4.3.2 Disable SCC1 Serial
Clocks Out (DISC).
Disable BRG1 (DISBRG1)
This bit has been removed since the BRG1 pin was removed.
2.4.2 MC68LC302 System Clock Generation
Figure 2-3, the MC68LC302 system clock schematic, shows the IMP clock synthesizer. The
block includes an on-chip oscillator, a clock synthesizer, and a low-power divider, which
allows a comprehensive set of options for generating the system clock. The choices offer
many opportunities to save power and system cost, without sacrificing flexibility and control.
In addition to performing frequency multiplication, the PLL block can also provide EXTAL to
CLKO skew elimination, and dynamic low power divides of the output PLL system clock.
Clock source and default settings are determined during the reset of the IMP. The
MC68LC302 decodes the MODCLK and VCCSYN pins and the value of these pins deter-
mines the initial clocking for the part. Further changes to the clocking scheme can be made
by software. After reset, the 68000 core can control the IMP clocking through the following
registers:
1. IMP Operation Mode Control Register, IOMCR (2.4.4.1.6 IMP Operation Mode Control
Register (IOMCR)).
2. IMP PLL and Clock Control Register, IPLCR (2.4.3.4 Frequency Multiplication).
3. IMP Interrupt Wake-Up Control Register, IWUCR (2.4.4.2.4 IMP Wake-Up Control
Register (IWUCR)).
4. Periodic Interrupt Timer Register, PITR (See Section 3 System Integration Block
(SIB)
).


Similar Part No. - MC68LC302

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68LC302 FREESCALE-MC68LC302 Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68LC302 FREESCALE-MC68LC302 Datasheet
198Kb / 2P
   MOTOROLA??S MC68302 INTEGRATED MULT I -PROTOCOL PROCESSOR
MC68LC302AF16CT FREESCALE-MC68LC302AF16CT Datasheet
570Kb / 6P
   Product Brief Low Cost Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
More results

Similar Description - MC68LC302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
ATMEL Corporation
TS68302 ATMEL-TS68302 Datasheet
1Mb / 47P
   Integrated Multiprotocol Processor IMP
logo
Freescale Semiconductor...
MC68LC302AF16CT FREESCALE-MC68LC302AF16CT Datasheet
570Kb / 6P
   Product Brief Low Cost Integrated Multiprotocol Processor
MPC8540 FREESCALE-MPC8540 Datasheet
8Mb / 1302P
   MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
logo
Motorola, Inc
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com