Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5252G2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TDA5252G2
Description  ASK/FSK 915MHz Wireless Transceiver
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5252G2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA5252G2 Datasheet HTML 1Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 2Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 3Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 4Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 5Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 6Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 7Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 8Page - Infineon Technologies AG TDA5252G2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
Data Sheet
5
2007-02-26
Type
Ordering Code
Package
TDA5252 G2
SP000057332
PG-TSSOP-38
ASK/FSK 915MHz Wireless Transceiver
TDA5252 G2
Version 1.1
Product Info
General Description
The IC is a low power consumption single chip FSK/ASK
Transceiver for half duplex low datarate communication in the
915MHz band. The IC offers a very high level of integration and
needs only a few external components. It contains a highly
efficient power amplifier, a low noise amplifier (LNA) with AGC,
a double balanced mixer, a complex direct conversion stage, I/
Q limiters with RSSI generation, an FSK demodulator, a fully
integrated VCO and PLL synthesizer, a tuneable crystal
oscillator, an onboard data filter, a data comparator (slicer),
positive and negative peak detectors, a data rate detection
circuit and a 2/3-wire bus interface. Additionally there is a power
down feature to save battery power.
Features
– Low supply current (Is = 9mA typ. receive, Is
= 13mA typ. transmit mode)
– Supply voltage range 2.1 - 5.5V
– Power down mode with very low supply
current consumption
– FSK and ASK modulation and demodulation
capability
– Fully integrated VCO and PLL
synthesizer and loop filter on-chip with on
chip crystal oscillator tuning
–I2C/3-wire µController Interface
– On-chip low pass channel select filter and
data filter with tuneable bandwidth
– Data slicer with self-adjusting threshold and
2 peak detectors
– FSK sensitivity < -109dBm,
ASK sensitivity < -109dBm
– Transmit power up to +13dBm
– Self-polling logic with ultra fast data rate
detection
Application
– Low Bitrate Communication
Systems
– Keyless Entry Systems
– Remote Control Systems
–Alarm Systems
– Telemetry Systems
– Electronic Metering
– Home Automation Systems


Similar Part No. - TDA5252G2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5250 INFINEON-TDA5250 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
More results

Similar Description - TDA5252G2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com