Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5251F1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TDA5251F1
Description  ASK/FSK 315MHz Wireless Transceiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5251F1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TDA5251F1 Datasheet HTML 7Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 8Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 9Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 10Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 11Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 12Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 13Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 14Page - Infineon Technologies AG TDA5251F1 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
TDA5251 F1
Version 1.1
Functional Description
Data Sheet
11
2007-02-26
2.2
Pin Definitions and Functions
Table 2-1
Pin Definition and Function
Pin No. Symbol
Equivalent I/O-Schematic
Function
1
VCC
Analog supply (antiparallel diodes
between VCC, VCC1, VDD)
2
BUSMODE
Bus mode selection (I²C/3 wire bus
mode selection)
3
LF
Loop filter and VCO control voltage
4
ASKFSK
ASK/FSK- mode switch input
1
11
15
2
350
3
200
4
350


Similar Part No. - TDA5251F1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
More results

Similar Description - TDA5251F1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
logo
Melexis Microelectronic...
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5252G2 INFINEON-TDA5252G2 Datasheet
2Mb / 86P
   ASK/FSK 915MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
logo
Melexis Microelectronic...
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com