Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5251F1 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TDA5251F1
Description  ASK/FSK 315MHz Wireless Transceiver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5251F1 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TDA5251F1_07 Datasheet HTML 40Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 41Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 42Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 43Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 44Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 45Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 46Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 47Page - Infineon Technologies AG TDA5251F1_07 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
TDA5251 F1
Version 1.1
Application
Data Sheet
44
2007-02-26
As Figure 3-8 shows, detuning beyond the bandwidth of the matching circuit results in a significant
increase of collector current of the power amplifier and in some loss of output power. This diagram
shows the data for the circuit of the test board at the frequency of 315MHz. The effective load
resistor of this circuit is RL= 250Ohm, which is the optimum impedance for operation at 3V. This will
lead to a dip of the collector current of approx. 20%.
pout_vs_frequ_315.wmf
Figure 3-8
Power output and collector current vs. frequency
C4, L2 and C3||C2 are the main matching components which are used to transform the 50 Ohm
load at the SMA-RF-connector to a higher impedance at the PA-output (250Ohm@3V). L1 can be
used for finetuning of the resonance frequency but should not be too low in order to keep its loss
low.
The transformed impedance of 250Ohm+j0 at the PA-output-pin can be verified with a network
analyzer using this measurement procedure:
1. Calibrate your network analyzer.
2. Connect a short, low-loss 50 Ohm cable to your network analyzer with an open end on one side.
Semirigid cable works best.
3. Use the „Port Extension“ feature of your network analyzer to shift the reference plane of your
network analyzer to the open end of the cable.
4. Connect the center-conductor of the cable to the solder pad of the pin „PA“ of the IC. The shield
has to be grounded. Very short connections must be used. Do not remove the IC or any part of
the matching-components!
5. Screw a 50Ohm-dummy-load on the RF-I/O-SMA-connector
6. The TDA5251 has to be in ASK-TX-Mode, Data-Input=LOW.
7. Be sure that your network analyzer is AC-coupled and turn on the power supply of the IC.
8. Measure the S-parameter


Similar Part No. - TDA5251F1_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
More results

Similar Description - TDA5251F1_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
logo
Melexis Microelectronic...
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5252G2 INFINEON-TDA5252G2 Datasheet
2Mb / 86P
   ASK/FSK 915MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
   ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
logo
Melexis Microelectronic...
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
   ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com