Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA3727G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TCA3727G
Description  2-phase Stepper Motor Driver Bipolar IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TCA3727G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TCA3727G Datasheet HTML 1Page - Infineon Technologies AG TCA3727G Datasheet HTML 2Page - Infineon Technologies AG TCA3727G Datasheet HTML 3Page - Infineon Technologies AG TCA3727G Datasheet HTML 4Page - Infineon Technologies AG TCA3727G Datasheet HTML 5Page - Infineon Technologies AG TCA3727G Datasheet HTML 6Page - Infineon Technologies AG TCA3727G Datasheet HTML 7Page - Infineon Technologies AG TCA3727G Datasheet HTML 8Page - Infineon Technologies AG TCA3727G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TCA3727G
Data Sheet
6
Rev. 2.2, 2009-01-22
Figure 2
Block Diagram TCA 3727G
Table 2
Digital Control Inputs IX0, IX1
typical
I
max with Rsense = 1 Ω, 750 mA
IX1
IX0
Phase Current
Example of Motor Status
H
H
0
No current
H
L
1/3
I
max
Hold
L
H
2/3
I
max
Set
LL
I
max
Accelerate
IEB00899
D14
D13
D12
D11
T14
T12
T13
T11
14
11
9
12
10
Q11
Q12
R1
4
1
2
3
Oscillator
Functional
Logic
+VLS
V
+
Ι
11
GND
Phase 1
Phase 1
Phase 1
5-8, 17-19
Phase 2
Phase 2
Phase 2
Logic
Functional
Inhibit
22
23
24
21
2
R
Q22
Q21
15
13
16
T21
T23
T22
T24
D21
D22
D23
D24
Inhibit
10
Ι
Ι20
Ι21


Similar Part No. - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA3727G SIEMENS-TCA3727G Datasheet
365Kb / 27P
   2-Phase Stepper-Motor Driver
logo
Infineon Technologies A...
TCA3727G INFINEON-TCA3727G Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
More results

Similar Description - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
   2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com