Electronic Components Datasheet Search |
|
TC1796 Datasheet(PDF) 76 Page - Infineon Technologies AG |
|
TC1796 Datasheet(HTML) 76 Page - Infineon Technologies AG |
76 / 134 page TC1796 Functional Description Data Sheet 76 V1.0, 2008-04 3.23 Clock Generation and PLL The TC1796 clock system performs the following functions: • Acquires and buffers incoming clock signals to create a master clock frequency • Distributes in-phase synchronized clock signals throughout the TC1796’s entire clock tree • Divides a system master clock frequency into lower frequencies required by the different modules for operation. • Dynamically reduces power consumption during operation of functional units • Statically reduces power consumption through programmable power-saving modes • Reduces electromagnetic interference (EMI) by switching off unused modules The clock system must be operational before the TC1796 is able to run. Therefore, it also contains special logic to handle power-up and reset operations. Its services are fundamental to the operation of the entire system, so it contains special fail-safe logic. Features • PLL operation for multiplying clock source by different factors • Direct drive capability for direct clocking • Comfortable state machine for secure switching between basic PLL, direct or prescaler operation • Sleep and Power-Down Mode support The TC1796 Clock Generation Unit (CGU) as shown in Figure 19 allows a very flexible clock generation. It basically consists of an main oscillator circuit and a Phase- Locked Loop (PLL). The PLL can converts a low-frequency external clock signal from the oscillator circuit to a high-speed internal clock for maximum performance. The system clock f SYS is generated from an oscillator clock fOSC in either of four hardware/software selectable ways: • Direct Drive Mode (PLL Bypass): In Direct Drive Mode, the PLL is bypassed and the CGU clock outputs are directly fed from the clock signal f OSC, i.e. fCPU = fOSC and fSYS = fOSC/2 or fOSC. This allows operation of the TC1796 with a reasonably small fundamental mode crystal. • VCO Bypass Mode (Prescaler Mode): In VCO Bypass Mode, f CPU and fSYS are derived from fOSC by the two divider stages, P-Divider and K-Divider. The system clock f SYS can be equal to fCPU or fCPU/2. • PLL Mode: In PLL Mode, the PLL is running. The VCO clock f VCO is derived from fOSC, divided by the P factor, multiplied by the PLL (N-Divider). The clock signals f CPU and fSYS are derived from f VCO by the K-Divider. The system clock fSYS can be equal to fCPU or f CPU/2. • PLL Base Mode: In PLL Base Mode, the PLL is running at its VCO base frequency and f CPU and fSYS |
Similar Part No. - TC1796 |
|
Similar Description - TC1796 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |