Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1796 Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # TC1796
Description  32-Bit Single-Chip Microcontroller TriCore
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1796 Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button TC1796 Datasheet HTML 56Page - Infineon Technologies AG TC1796 Datasheet HTML 57Page - Infineon Technologies AG TC1796 Datasheet HTML 58Page - Infineon Technologies AG TC1796 Datasheet HTML 59Page - Infineon Technologies AG TC1796 Datasheet HTML 60Page - Infineon Technologies AG TC1796 Datasheet HTML 61Page - Infineon Technologies AG TC1796 Datasheet HTML 62Page - Infineon Technologies AG TC1796 Datasheet HTML 63Page - Infineon Technologies AG TC1796 Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 134 page
background image
TC1796
Functional Description
Data Sheet
60
V1.0, 2008-04
3.14.1
Functionality of GPTA0/GPTA1
Each of the General Purpose Timer Arrays (GPTA0 and GPTA1) provides a set of
hardware modules required for high speed digital signal processing:
Filter and Prescaler Cells (FPC) support input noise filtering and prescaler operation.
Phase Discrimination Logic units (PDL) decode the direction information output by a
rotation tracking system.
Duty Cycle Measurement Cells (DCM) provide pulse-width measurement
capabilities.
A Digital Phase Locked Loop unit (PLL) generates a programmable number of GPTA
module clock ticks during an input signal’s period.
Global Timer units (GT) driven by various clock sources are implemented to operate
as a time base for the associated Global Timer Cells.
Global Timer Cells (GTC) can be programmed to capture the contents of a Global
Timer on an external or internal event. A GTC may be also used to control an external
port pin depending on the result of an internal compare operation. GTCs can be
logically concatenated to provide a common external port pin with a complex signal
waveform.
Local Timer Cells (LTC) operating in Timer, Capture, or Compare Mode may be also
logically tied together to drive a common external port pin with a complex signal
waveform. LTCs — enabled in Timer Mode or Capture Mode — can be clocked or
triggered by various external or internal events.
Input lines can be shared by an LTC and a GTC to trigger their programmed operation
simultaneously.
The following sections summarize the specific features of the GPTA units. The clock
signal
f
GPTA is the input clock of the GPTA modules (max. 75 MHz in TC1796).
Clock Generation Unit
Filter and Prescaler Cell (FPC)
– Six independent units
– Three basic operating modes:
Prescaler, Delayed Debounce Filter, Immediate Debounce Filter
– Selectable input sources:
Port lines, GPTA module clock, FPC output of preceding FPC cell
– Selectable input clocks:
GPTA module clock, prescaled GPTA module clock, DCM clock, compensated or
uncompensated PLL clock.
f
GPTA/2 maximum input signal frequency in Filter Modes
Phase Discriminator Logic (PDL)
– Two independent units
– Two operating modes (2 and 3 sensor signals)


Similar Part No. - TC1796

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC1791 INFINEON-TC1791 Datasheet
3Mb / 153P
   32-Bit Single-Chip Microcontroller
V 1.1 2014-05
TC1793 INFINEON-TC1793 Datasheet
4Mb / 189P
   32-Bit Single-Chip Microcontroller
V 1.2 2014-05
TC1797 INFINEON-TC1797 Datasheet
5Mb / 190P
   32-Bit Single-Chip Microcontroller
V1.1 2009-04
TC1797 INFINEON-TC1797 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
TC1797 INFINEON-TC1797_14 Datasheet
2Mb / 192P
   32-Bit Single-Chip Microcontroller
V1.3 2014-08
More results

Similar Description - TC1796

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC1163 INFINEON-TC1163 Datasheet
951Kb / 134P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1165 INFINEON-TC1165 Datasheet
1Mb / 133P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com